Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB302X Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 26Page - Cypress Semiconductor CYUSB302X Datasheet HTML 27Page - Cypress Semiconductor CYUSB302X Datasheet HTML 28Page - Cypress Semiconductor CYUSB302X Datasheet HTML 29Page - Cypress Semiconductor CYUSB302X Datasheet HTML 30Page - Cypress Semiconductor CYUSB302X Datasheet HTML 31Page - Cypress Semiconductor CYUSB302X Datasheet HTML 32Page - Cypress Semiconductor CYUSB302X Datasheet HTML 33Page - Cypress Semiconductor CYUSB302X Datasheet HTML 34Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 30 of 34
CYUSB302x
Errata
This document describes the errata for the SD3, CYUSB3023-FBXCT, CYUSB3025-BZXI. Details include errata trigger conditions,
scope of impact, available workarounds, and silicon revision applicability. Compare this document to the device’s datasheet for a
complete functional description. Contact your local Cypress Sales Representative if you have questions.
Part Numbers Affected
SD3 USB and Mass Storage Peripheral Controller Qualification Status
Product Status: Sampling
SD3 USB and Mass Storage Peripheral Controller Errata Summary
The following table defines the errata applicability to available SD3 USB and Mass Storage Peripheral Controller family devices.
1. Turning off VIO1 during Normal, Suspend, and Standby modes causes the FX3 to stop working.
❐ Problem Definition
Turning off the VIO1 during Normal, Suspend, and Standby modes will cause the FX3 to stop working.
❐ Parameters Affected
N/A
❐ Trigger Conditions
This condition is triggered when the VIO1 is turned off during Normal, Suspend, and Standby modes.
❐ Scope Of Impact
FX3 stops working.
❐ Workaround
VIO1 must stay on during Normal, Suspend, and Standby modes.
❐ Fix Status
No fix. Workaround is required.
Part Number
Device Characteristics
CYUSB3023-FBXCT
CYUSB3025-BZXI
Items
Part Number
Silicon Revision
Fix Status
[1]. Turning off VIO1 during Normal, Suspend, and
Standby modes causes the FX3 to stop working.
CYUSB3023-FBXCT,
CYUSB3025-BZXI
ES
Workaround provided
[2]. USB enumeration failure in USB boot mode when
FX3 is self-powered.
CYUSB3023-FBXCT,
CYUSB3025-BZXI
ES
Workaround provided
[3]. Bus collision is seen when the I2C block is used as
a master in the I2C Multi-master configuration.
CYUSB3023-FBXCT,
CYUSB3025-BZXI
ES
Use FX3 in single-master
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com