Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB302X Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYUSB302X Datasheet HTML 1Page - Cypress Semiconductor CYUSB302X Datasheet HTML 2Page - Cypress Semiconductor CYUSB302X Datasheet HTML 3Page - Cypress Semiconductor CYUSB302X Datasheet HTML 4Page - Cypress Semiconductor CYUSB302X Datasheet HTML 5Page - Cypress Semiconductor CYUSB302X Datasheet HTML 6Page - Cypress Semiconductor CYUSB302X Datasheet HTML 7Page - Cypress Semiconductor CYUSB302X Datasheet HTML 8Page - Cypress Semiconductor CYUSB302X Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CYUSB302x
SD3™ USB and Mass Storage
Peripheral Controller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-55190 Rev. *L
Revised June 15, 2017
SD3™ USB and Mass Storage Peripheral Controller
Features
■ Latest-generation storage support
❐ SD3.0/SDXC – UHS1 SDR50 / DDR50 Master
❐ eMMC 4.4 Master
❐ SDIO 3.0 Master
■ USB integration
❐ Certified USB 3.0 and USB 2.0 peripheral: SuperSpeed (SS),
Hi-Speed (HS), and Full-Speed (FS) only)
❐ Thirty-two physical endpoints
❐ Integrated transceiver
❐ Accessory charger adaptor (ACA) support
■ Ultra low-power in core power-down mode
❐ Less than 60 µA with VBATT on and 20 µA with VBATT off
■ I2C master controller at 1 MHz
■ Selectable input clock frequencies
❐ 19.2, 26, 38.4, and 52 MHz
❐ 19.2-MHz crystal input support
■ Independent power domains for core and I/O
■ 10 × 10 mm, 0.8-mm pitch ball grid array (BGA) package
■ 5.099 mm × 4.695 mm × 0.55 mm, with 0.4 mm pitch small
footprint wafer-level chip scale package (WLCSP)
Applications
■ USB thumb drives
■ Card readers
■ Laptop with SD slots
■ SD slot in TV/STB
■ WIFI Dongles
■ USB SDIO Bridge
■ Raid on-Chip Controller
USB
EPs
GPIOs
HS/FS
Peripheral
SS
Peripheral
SSTX-
SSTX+
D+
D-
SDIO/SD/MMC Controller
S0-PORT
S1-PORT
I2C
SSRX-
SSRX+
FSLC[0]
FSLC[1]
FSLC[2]
CLKIN
CLKIN_32
XTALIN
XTALOUT
ARM926EJ-S
JTAG
Embedded
SRAm
(512 kB/
256 KB)
UART
SPI
I2S
Logic Block Diagram
Errata: For information on silicon errata, see “Errata” on page 30. Details include trigger conditions, devices affected, and proposed workaround.


Similar Part No. - CYUSB302X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3011-BZXC INFINEON-CYUSB3011-BZXC Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
More results

Similar Description - CYUSB302X

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
USB to Flash Interface Controller, Mass Storage Class Compliant
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
West Bridge,Antioch,USB/Mass Storage Peripheral Controller
logo
Renesas Technology Corp
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
USB Mass Storage Class
logo
Cypress Semiconductor
CYWB022XX CYPRESS-CYWB022XX Datasheet
1Mb / 78P
West Bridge짰: Astoria??USB and Mass Storage Peripheral Controller
logo
Micron Technology
MTEDCAE002SAJ MICRON-MTEDCAE002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
MTEDCAR002SAJ MICRON-MTEDCAR002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
MTEDCBE002SAJ MICRON-MTEDCBE002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
MTEDCBR002SAJ MICRON-MTEDCBR002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
logo
Cypress Semiconductor
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
SD2??USB and Mass Storage Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com