Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB302X Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 19Page - Cypress Semiconductor CYUSB302X Datasheet HTML 20Page - Cypress Semiconductor CYUSB302X Datasheet HTML 21Page - Cypress Semiconductor CYUSB302X Datasheet HTML 22Page - Cypress Semiconductor CYUSB302X Datasheet HTML 23Page - Cypress Semiconductor CYUSB302X Datasheet HTML 24Page - Cypress Semiconductor CYUSB302X Datasheet HTML 25Page - Cypress Semiconductor CYUSB302X Datasheet HTML 26Page - Cypress Semiconductor CYUSB302X Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 23 of 34
CYUSB302x
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device.
Storage temperature ............................... –65 °C to +150 °C
Ambient temperature with
power supplied (Industrial) ....................... –40 °C to +85 °C
Supply voltage to ground potential
VDD, AVDDQ ................................................................. 1.25 V
S2VDDQ,S1VDDQ, S0VDDQ, VIO4, VIO5 ......................... 3.6 V
U3TXVDDQ, U3RXVDDQ ............................................. 1.25 V
DC input voltage to any input pin ......................... VCC + 0.3
DC voltage applied to
outputs in High Z State ........................................ VCC + 0.3
(VCC is the corresponding I/O voltage)
Static discharge voltage ESD protection levels:
■ ±2.2-KV human body model (HBM) based on JESD22-A114
■ Additional ESD Protection levels on D+, D–, VBUS, GND pins
U-port and GPIO pins LPP-Port
■ ±6-KV contact discharge, ±8-KV air gap discharge based on
IEC61000-4-2 level 3A, ±8-KV contact discharge, and ±15-KV
air gap discharge based on IEC61000-4-2 level 4C
Latch-up current ................................................... > 200 mA
Maximum output short circuit current
for all I/O configurations. (Vout = 0 V) .................... –100 mA
Operating Conditions
TA (ambient temperature under bias)
Industrial ................................................... –40 °C to +85 °C
VDD, AVDDQ, U3TXVDDQ, U3RXVDDQ
supply voltage ............................................. 1.15 V to 1.25 V
VBATT supply voltage ......................................... 3.2 V to 6 V
S2VDDQ, S1VDDQ, S0VDDQ, VIO4, CVDDQ
supply voltage ................................................. 1.7 V to 3.6 V
VIO5 supply voltage ....................................... 1.15 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com