Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB302X Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 22Page - Cypress Semiconductor CYUSB302X Datasheet HTML 23Page - Cypress Semiconductor CYUSB302X Datasheet HTML 24Page - Cypress Semiconductor CYUSB302X Datasheet HTML 25Page - Cypress Semiconductor CYUSB302X Datasheet HTML 26Page - Cypress Semiconductor CYUSB302X Datasheet HTML 27Page - Cypress Semiconductor CYUSB302X Datasheet HTML 28Page - Cypress Semiconductor CYUSB302X Datasheet HTML 29Page - Cypress Semiconductor CYUSB302X Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 26 of 34
CYUSB302x
Reset Sequence
Table 14 provides the hard reset sequence requirements for SD3.
Figure 7. Reset Sequence
Table 14. Reset and Standby Timing Parameters
Parameter
Definition
Conditions
Min (ms)
Max (ms)
tRPW
Minimum RESET# pulse width
Clock Input
1
–
Crystal Input
1
–
tRH
Minimum high on RESET#
–
5
–
tRR
Reset Recovery Time (after which Boot loader begins
firmware download)
Clock Input
1
–
Crystal Input
5
tSBY
Time to enter Standby/Suspend (from the time
MAIN_CLOCK_EN/ MAIN_POWER_EN bit is set)
–
–
1
tWU
Time to wakeup from standby
Clock Input
1
–
Crystal Input
5
–
tWH
Minimum time before Standby/Suspend source may be
reasserted
–
5
–
VDD
(core )
xVDDQ
XTALIN/
CLKIN
RESET #
Mandatory
Reset Pulse
Hard Reset
tRPW
tRh
Standby/
Suspend
Source
Standby/Suspend source Is asserted
(MAIN_POWER_EN/ MAIN_CLK_EN bit
is set)
Standby/Suspend
source Is deasserted
tSBY
tWU
XTALIN/ CLKIN must be stable
before exiting Standby/Suspend
tRR
tWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com