Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB302X Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 20Page - Cypress Semiconductor CYUSB302X Datasheet HTML 21Page - Cypress Semiconductor CYUSB302X Datasheet HTML 22Page - Cypress Semiconductor CYUSB302X Datasheet HTML 23Page - Cypress Semiconductor CYUSB302X Datasheet HTML 24Page - Cypress Semiconductor CYUSB302X Datasheet HTML 25Page - Cypress Semiconductor CYUSB302X Datasheet HTML 26Page - Cypress Semiconductor CYUSB302X Datasheet HTML 27Page - Cypress Semiconductor CYUSB302X Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 24 of 34
CYUSB302x
DC Specifications
Table 13. DC Specifications
Parameter
Description
Min
Max
Units
Notes
VDD
Core voltage supply
1.15
1.25
V
1.2-V typical
AVDD
Analog voltage supply
1.15
1.25
V
1.2-V typical
S0VDDQ
SD/ MMC/ CF I/O power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
S1VDDQ
SD/MMC I/O power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
S2VDDQ
GPIO/ CF I/O power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
VIO4
GPIO/ I/O power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
VBATT
USB voltage supply
3.2
6
V
3.7-V typical
VBUS
USB voltage supply
4.0
6
V
5-V typical
U3TXVDDQ
USB 3.0 1.2-V supply
1.15
1.25
V
1.2-V typical. A 22-µF bypass
capacitor is required on this
power supply.
U3RXVDDQ
USB 3.0 1.2-V supply
1.15
1.25
V
1.2-V typical. A 22-µF bypass
capacitor is required on this
power supply.
CVDDQ
Clock voltage supply
1.7
3.6
V
1.8-, 3.3-V typical
VIO5
I2C voltage supply
1.2
3.3
V
1.2-,1.8-, 2.5-, and 3.3-V typical
VIH1
Input HIGH voltage 1
0.625 × VCC
VCC + 0.3
V
For 2.0 V
 VCC  3.6 V (except
USB port).VCC is the corre-
sponding I/O voltage supply.
VIH2
Input HIGH voltage 2
VCC - 0.4
VCC + 0.3
V
For 1.7 V
 VCC 2.0 V
(except USB port). VCC is the
corresponding I/O voltage
supply.
VIL
Input LOW voltage
–0.3
0.25 × VCC
V
VCC is the corresponding I/O
voltage supply.
VOH
Output HIGH voltage
0.9 × VCC
–
V
IOH (max) = –100 µA tested at
quarter drive strength. VCC is the
corresponding I/O voltage
supply.
VOL
Output LOW voltage
–
0.1 × VCC
V
IOL (min) = +100 µA tested at
quarter drive strength. VCC is the
corresponding I/O voltage
supply.
IIX
Input leakage current for all pins except
SSTXP/SSXM/SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
(For I/Os that have a
pull-up/down resistor connected,
the leakage current increases by
VDDQ/Rpu or VDDQ/RPD
IOZ
Output High-Z leakage current for all pins
except SSTXP/SSXM/SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
ICC Core
Core and Analog Voltage Operating
Current
–
200
mA
Total current through AVDD,
VDD
ICC USB
USB voltage supply operating current
–
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com