Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB302X Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 23Page - Cypress Semiconductor CYUSB302X Datasheet HTML 24Page - Cypress Semiconductor CYUSB302X Datasheet HTML 25Page - Cypress Semiconductor CYUSB302X Datasheet HTML 26Page - Cypress Semiconductor CYUSB302X Datasheet HTML 27Page - Cypress Semiconductor CYUSB302X Datasheet HTML 28Page - Cypress Semiconductor CYUSB302X Datasheet HTML 29Page - Cypress Semiconductor CYUSB302X Datasheet HTML 30Page - Cypress Semiconductor CYUSB302X Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 27 of 34
CYUSB302x
Package Diagrams
Figure 8. 121-ball FBGA (10 × 10 × 1.20 mm) Package Outline, 001-54471
Figure 9. 131-ball WLCSP FB131/FN131 Package Outline, 001-62221
76
5
4
3
2
1
11 10
9
8
L
K
J
H
G
F
E
D
C
B
A
121XØb
5
Ø0.15
C
M
C
Ø0.08 M
AB
C
A1
0.08 C
0.20 C
DETAIL A
TOP VIEW
BOTTOM VIEW
SIDE VIEW
A
DETAIL A
A1 CORNER
7
A1 CORNER
A
E
D
0.10
2X
C
B
0.10
2X
C
D1
E1
(datum A)
(datum B)
SD
6
SE
6
eD
eE
001-54471 *E
001-62221 *C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com