Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB302X Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 10Page - Cypress Semiconductor CYUSB302X Datasheet HTML 11Page - Cypress Semiconductor CYUSB302X Datasheet HTML 12Page - Cypress Semiconductor CYUSB302X Datasheet HTML 13Page - Cypress Semiconductor CYUSB302X Datasheet HTML 14Page - Cypress Semiconductor CYUSB302X Datasheet HTML 15Page - Cypress Semiconductor CYUSB302X Datasheet HTML 16Page - Cypress Semiconductor CYUSB302X Datasheet HTML 17Page - Cypress Semiconductor CYUSB302X Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 14 of 34
CYUSB302x
E2
PWR
VBATT
USB Supply Voltage Input
B1
PWR
VDD
A1
PWR
VDD
C9
PWR
U3VSSQ
GND
E1
PWR
VBUS
USB Supply Voltage Input
C4
PWR
U2PLLVSSQ
USB2 Regulator GND
H1
PWR
PVDDQ
P-Port Supply Voltage Input
K1
PWR
VSS
GND
L4
PWR
PVDDQ
P-Port Supply Voltage Input
L5
PWR
VSS
GND
L7
PWR
PVDDQ
P-Port Supply Voltage Input
L1
PWR
VSS
GND
J12
PWR
S0VDDQ
S0-Port Supply Voltage Input
H12
PWR
VSS
GND
G12
PWR
S0VDDQ
S0- Port Supply Voltage Input
C11
PWR
S1VDDQ
S1-Port Supply Voltage Input
F12
PWR
VSS
GND
B11
PWR
LVDDQ
Low Performance Peripherals Supply Voltage Input
A11
PWR
VSS
GND
A12
PWR
VSS
GND
C7
PWR
CVDDQ
Clock Supply Voltage Input
C8
PWR
U3TXVDDQ
USB3 1.2V Supply Voltage
C10
PWR
U3RXVDDQ
USB3 1.2V Supply Voltage
D4
PWR
I2C_VDDQ
I2C and JTAG Supply Voltage Input
A3
PWR
U2AFEVSSQ
GND
A5
PWR
AVDD
Analog Supply Voltage Input
A6
PWR
AVSS
Analog GND
F4
PWR
VDD
Core Supply Voltage Input
D1
PWR
VSS
GND
F5
PWR
VDD
Core Supply Voltage Input
E4
PWR
VSS
GND
F6
PWR
VDD
Core Supply Voltage Input
E5
PWR
VSS
GND
F7
PWR
VDD
Core Supply Voltage Input
E6
PWR
VSS
GND
D7
PWR
VDD
Core Supply Voltage Input
E7
PWR
VSS
GND
G6
PWR
VDD
Core Supply Voltage Input
L10
PWR
VDD
Core Supply Voltage Input
L12
PWR
VDD
Core Supply Voltage Input
H7
PWR
VSS
GND
G7
PWR
VSS
GND
L11
PWR
VSS
GND
G8
PWR
VSS
GND
G5
PWR
VSS
GND
B3
VBUS/VBATT
I/O
R_USB2
Precision Resistor for USB 2.0 (Connect a 6.04 k
± 1% resistor between this pin and GND)
B9
U3TXVDDQ
I/O
R_USB3
Precision Resistor for USB 3.0 (Connect a 200
± 1% resistor between this pin and GND)
Table 8. Pin List (continued)
Pin
Power
Domain
I/O
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com