Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB302X Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 26Page - Cypress Semiconductor CYUSB302X Datasheet HTML 27Page - Cypress Semiconductor CYUSB302X Datasheet HTML 28Page - Cypress Semiconductor CYUSB302X Datasheet HTML 29Page - Cypress Semiconductor CYUSB302X Datasheet HTML 30Page - Cypress Semiconductor CYUSB302X Datasheet HTML 31Page - Cypress Semiconductor CYUSB302X Datasheet HTML 32Page - Cypress Semiconductor CYUSB302X Datasheet HTML 33Page - Cypress Semiconductor CYUSB302X Datasheet HTML 34Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 32 of 34
CYUSB302x
Document History Page
Document Title: CYUSB302x, SD3™ USB and Mass Storage Peripheral Controller
Document Number: 001-55190
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
2761891
VSO
09/10/2009 New data sheet.
*A
2823531
OSG
12/08/2009 Added data sheet to the USB 3.0 EROS spec 001-51884.
No technical updates.
*B
3080927
OSG
11/08/2010 Changed status from Advance to Preliminary
Added the following sections: Power, Configuration Fuse, Digital I/Os, EMI,
System Level ESD, Absolute Maximum Ratings, AC Timing Parameters, Reset
Sequence. Added DC Specifications table
Updated Pin List
Updated block diagram
Updated part number
Updated package diagram
*C
3204393
OSG
03/23/2011 Added a reference to footnote 1 in Table 1.
*D
3217917
OSG
04/06/2011 Changed values of R_USB2 and R_USB3
*E
3369042
OSG
12/06/2011 Updated tRR and tRPW for crystal input
Added clarification regarding IOZ and IIX
Updated 121-ball FBGA package diagram
Added clarification regarding VCC in DC Specifications table
In Power Modes description, stated that S2VDDQ cannot be turned off at any
time if the S2-port is used in the application
Updated Absolute Maximum Ratings
Added requirement for by-pass capacitor on U3RXVDDQ and U3TXVDDQ
Updated I2C interface tVD:ACK parameter for 1 MHz operation.
Changed datasheet status from Preliminary to Final.
*F
3649782
OSG
08/16/2012 Added note about the I2C controller support for clock stretching.
Updated Clocking and Hard Reset sections.
Modified VBUS min value.
Updated Rise/fall time max value.
*G
3848148
OSG
12/20/2012 Updated Package Diagrams:
spec 001-54471 – Changed revision from *C to *D.
*H
4016006
GSZ
06/04/2013 Updated Features.
Updated Applications.
Updated Logic Block Diagram.
Updated Functional Overview.
Updated Pin Description for BGA.
Added Pinout for WLCSP.
Added Pin Description for WLCSP.
Updated AC Timing Parameters
Updated Package Diagrams (Added Figure 9).
Updated Ordering Information (Updated part numbers).
*I
4131901
GSZ
09/23/2013 Changed status from Preliminary to Final.
Updated Package Diagrams:
spec 001-62221 – Changed revision from *B to *C.
Updated Ordering Information (Updated part numbers).
Updated to new template.
Completing Sunset Review.
*J
5460202
RAJV
10/14/2016 Updated Package Diagrams:
spec 001-54471 – Changed revision from *D to *E.
Added Errata.
Updated to new template.
*K
5765169 AESATMP9 06/06/2017 Updated logo and copyright.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com