Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB302X Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 2Page - Cypress Semiconductor CYUSB302X Datasheet HTML 3Page - Cypress Semiconductor CYUSB302X Datasheet HTML 4Page - Cypress Semiconductor CYUSB302X Datasheet HTML 5Page - Cypress Semiconductor CYUSB302X Datasheet HTML 6Page - Cypress Semiconductor CYUSB302X Datasheet HTML 7Page - Cypress Semiconductor CYUSB302X Datasheet HTML 8Page - Cypress Semiconductor CYUSB302X Datasheet HTML 9Page - Cypress Semiconductor CYUSB302X Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 6 of 34
CYUSB302x
Suspend mode with
USB 3.0 PHY disabled
(L2 mode)
■ The power consumption in this mode does
not exceed ISB2
■ USB 3.0 PHY is disabled and the USB
interface is in suspend mode
■ The clocks are shut off. The PLLs are
disabled
■ All I/Os maintain their previous state
■ USB interface maintains the previous state
■ Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on/off individ-
ually
■ The states of the configuration registers,
buffer memory, and all internal RAM are
maintained
■ All transactions must be completed before
SD3 enters Suspend mode (state of
outstanding transactions are not preserved)
■ The firmware resumes operation from
where it was suspended (except when
woken up by RESET# assertion) because
the program counter does not reset
■ Firmware executing on the core can put
SD3 into suspend mode. For example,
on USB suspend condition, firmware
may decide to put SD3 into suspend
mode
■ D+ transitioning to low or high
■ D– transitioning to low or high
■ Resume condition on SSRX +/-
■ Detection of VBUS
■ Assertion of GPIO[17]
■ Assertion of RESET#
Standby Mode (L3
mode)
■ The power consumption in this mode does
not exceed ISB3
■ All configuration register settings and
program/data RAM contents are preserved.
However, data in the buffers or other parts
of the data path, if any, is not guaranteed.
Therefore, the external processor should
take care that needed data is read before
putting SD3 into this Standby Mode
■ The program counter is reset after waking
up from Standby
■ GPIO pins maintain their configuration
■ Crystal oscillator is turned off
■ Internal PLL is turned off
■ USB transceiver is turned off
■ Core is powered down. Upon wakeup, the
core re-starts and runs the program stored
in the program/data RAM
■ Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on/off individ-
ually
■ Firmware executing on the core or
external processor configures the appro-
priate register
■ Detection of VBUS
■ Assertion of GPIO[17]
■ Assertion of RESET#
Core Power Down
Mode (L4 mode)
■ The power consumption in this mode does
not exceed ISB4
■ Core power is turned off
■ All buffer memory, configuration registers
and the program RAM do not maintain state.
It is necessary to reload the firmware on
exiting from this mode
■ In this mode, all other power domains can
be turned on/off individually
■ Turn off VDD
■ Reapply VDD
■ Assertion of RESET#
Table 6. Entry and Exit Methods for Low-Power Modes (continued)
Low Power Mode
Characteristics
Methods of Entry
Methods of Exit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com