Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 7Page - Linear Technology LT1952IGN Datasheet HTML 8Page - Linear Technology LT1952IGN Datasheet HTML 9Page - Linear Technology LT1952IGN Datasheet HTML 10Page - Linear Technology LT1952IGN Datasheet HTML 11Page - Linear Technology LT1952IGN Datasheet HTML 12Page - Linear Technology LT1952IGN Datasheet HTML 13Page - Linear Technology LT1952IGN Datasheet HTML 14Page - Linear Technology LT1952IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT1952
11
1952f
by limiting the operational duty cycle of the MOSFET to
50% or less — or by using a fixed (non-adaptive) maxi-
mum duty cycle clamp with very large voltage rated
MOSFETs. The LT1952 provides a volt-second clamp to
allow MOSFET duty cycles well above 50%. This gives
greater power utilization for the MOSFET, rectifiers and
transformer resulting in less space for a given power
output. In addition, the volt-second clamp allows a re-
duced voltage rating on the MOSFET resulting in lower
RDSON for greater efficiency. The volt-second clamp de-
fines a maximum duty cycle ‘guard rail’ which falls when
system input voltage increases.
The LT1952 SD_VSEC and SS_MAXDC pins provide a
capacitorless, programmable volt-second clamp solution.
Some controllers with volt-second clamps control switch
maximum duty cycle by using an external capacitor to
program maximum switch ON time. Such techniques have
a volt-second clamp inaccuracy directly related to the
error of the external capacitor/pin capacitance and the
error/drift of the internal oscillator. The LT1952 uses
simple resistor ratios to implement a volt-second clamp
without the need for an accurate external capacitor and
with an order of magnitude less dependency on oscillator
error.
An increase of voltage at the SD_VSEC pin causes the
maximum duty cycle clamp to decrease. If SD_VSEC is
resistively divided down from transformer input voltage, a
volt-second clamp is realised. To adjust the initial maxi-
mum duty cycle clamp, the SS_MAXDC pin voltage is
programmed by a resistor divider from the 2.5V VREF pin
to ground. An increase of programmed voltage on
SS_MAXDC pin provides an increase of switch maximum
duty cycle clamp.
Soft-Start
The LT1952 provides true PWM soft-start by using the
SS_MAXDC pin to control soft-start timing. The propor-
tional relationship between SS_MAXDC voltage and switch
maximum duty cycle clamp allows the SS_MAXDC pin to
slowly ramp output voltage by ramping the maximum
switch duty cycle clamp — until switch duty cycle clamp
seamlessly meets the natural duty cycle of the converter.
OPERATIO
A soft-start event is triggered whenever VIN is too low,
SD_VSEC is too low (UVLO), or a 100mV over-current
threshold at OC pin is exceeded. Whenever a soft-start
event is triggered, switching at SOUT and OUT is stopped
immediately.
The SS_MAXDC pin is discharged and only released for
charging when it has fallen below it’s reset threshold of
0.45V and all faults have been removed. Increasing volt-
age on the SS_MAXDC pin above 0.8V will increase switch
maximum duty cycle. A capacitor to ground on the
SS_MAXDC pin in combination with a resistor divider
from VREF, defines the soft-start timing.
Current Mode Topology (ISENSE Pin)
The LT1952 current mode topology eases frequency com-
pensation requirements because the output inductor does
not contribute to phase delay in the regulator loop. This
current mode technique means that the error amplifier
(nonisolated applications) or the optocoupler (isolated
applications) commands current (rather than voltage) to
be delivered to the output. This makes frequency compen-
sation easier and provides faster loop response to output
load transients.
A resistor divider from the application’s output voltage
generates a voltage at the inverting FB input of the LT1952
error amplifier (or to the input of an external optocoupler)
and is compared to an accurate reference (1.23V for
LT1952). The error amplifier output (COMP) defines the
input threshold (ISENSE) of the current sense comparator.
COMP voltages between 0.8V (active threshold) and 2.5V
define a maximum ISENSE threshold from 0mV to 220mV.
By connecting ISENSE to a sense resistor in series with the
source of an external power MOSFET, the MOSFET peak
current trip point (turn off) can be controlled by COMP
level and hence by the output voltage. An increase in
output load current causing the output voltage to fall, will
cause COMP to rise, increasing ISENSE threshold, increas-
ing the current delivered to the output. For isolated appli-
cations, the error amplifier COMP output can be disabled
to allow the optocoupler to take control. Setting FB = VREF
disables the error amplifier COMP output, reducing pin
current to (COMP – 0.7)/40k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com