Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 16Page - Linear Technology LT1952IGN Datasheet HTML 17Page - Linear Technology LT1952IGN Datasheet HTML 18Page - Linear Technology LT1952IGN Datasheet HTML 19Page - Linear Technology LT1952IGN Datasheet HTML 20Page - Linear Technology LT1952IGN Datasheet HTML 21Page - Linear Technology LT1952IGN Datasheet HTML 22Page - Linear Technology LT1952IGN Datasheet HTML 23Page - Linear Technology LT1952IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LT1952
23
1952f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIO S I FOR ATIO
Bus Converter: Optimum Output Voltage Tolerance
The Bus Converter applications shown on page 1 and in
Figure 16, provide semi-regulated isolated outputs with-
out the need for an optocoupler, optocoupler driver, refer-
ence or feedback network. The LT1952 Volt-Second clamp
adjusts switch duty cycle inversely proportional to input
voltage to provide an output voltage that is regulated against
input line variations. Some bus converters use a switch
duty cycle limit which causes output voltage variation of
typically ±33% over a 2:1 input voltage range. The LT1952
typically provides a ±10% output variation for the same
input variation. Typical output tolerance is further improved
for the LT1952 by inserting a resistor from the system
input voltage to the SS_MAXDC pin (Rx in Figure 19).
The LT1952 electrical specifications for the OUT Max Duty
Cycle Clamp show typical switch duty cycle to move from
72% to 33% for a 2x change of input voltage
(SS_MAXDC pin = 1.84V). Since output voltage regulation
follows VIN • Duty Cycle, a switch duty cycle change of
72% to 36% (for a 2x input voltage change) provides
minimal output voltage variation for the LT1952 bus con-
verter. To achieve this, an SS_MAXDC pin voltage increase
of 1.09x (36/33) would be required at high input line. A
resistor Rx inserted between the SS_MAXDC pin and sys-
tem input voltage (Figure 19) increases SS_MAXDC volt-
age as input voltage increases, minimizing output voltage
variation over a 2:1 input voltage change.
The following steps determine values for Rx, RT and RB
(1) Program switch duty cycle at minimum system input
voltage (VS(MIN))
(a) RT(1) = 10k (minimum allowed to still guarantee soft-
start pull-down)
(b) Select switch duty cycle for the Bus Converter for a
given output voltage at VS(MIN) and calculate
SS_MAXDC voltage (SS1) (See Applications Informa-
tion “Programming Maximum Duty Cycle Clamp”)
(c) Calculate RB(1) = [SS1/(2.5 – SS1)] • RT(1)
(2) Calculate Rx
Rx = ([VS(MAX) – VS(MIN)]/[SS1 • (X – 1)]) • RTHEV(1)
RTHEV(1) = RB(1) • RT(1)/(RB(1) + RT(1)), X = ideal duty
cycle (VS(MAX))/actual duty cycle (VS(MAX))
(3) The addition of Rx causes an increase in the original
programmed SS_MAXDC voltage SS1. A new value
for RB(1) should be calculated to provide a lower
SS_MAXDC voltage (SS2) to correct for this offset.
(a) SS2 = SS1 – [(VS(MIN) – SS1) • RTHEV(1)/Rx]
(b) RB(2) = [SS2/(2.5 – SS2)] • RT(1)
(4) The thevinin resistance RTHEV(1) used to calculate Rx
should be re-established for RT and RB.
(a) RB (final value) = RB(2) • (RTHEV(1)/RTHEV(2))
(b) RT (final value) = RT(1) • (RTHEV(1)/RTHEV(2))
where RTHEV(2) = RB(2) • RT(1)/(RB(2) + RT(1))
Example:
For a Bus Converter running from 36V to 72V input,
VS(MIN) = 36V, VS(MAX) = 72V.
choose RT(1) = 10k, SS_MAXDC = SS1 = 1.84V (for 72%
duty cycle at VS(MIN) = 36V)
RB(1) = [1.84V/(2.5V – 1.84V)] • 10k = 28k
RTHEV(1) = [28k • 10k/(28k + 10k)] = 7.4k
SS_MAXDC correction = 36%/33% = 1.09
Rx = [(72V – 36V)/(1.84 • 0.09)] • 7.4k = 1.6M
SS2 = 1.84 – [(36V – 1.84) • 7.4k/1.6M] = 1.682V
RB(2) = [1.682/(2.5 – 1.682)] • 10k = 20.6k
RTHEV(2) = [20.6k • 10k/(20.6k + 10k)] = 6.7k
RTHEV(1)/RTHEV(2) = 7.4k/6.7k = 1.104
RB (final value) = 20.6k • 1.104 = 22.7k (choose 22.6k)
RT (final value) = 10k • 1.104 = 11k
Figure 19. Optimal Programming of Maximum Duty Cycle Clamp
for Bus Converter Applications (Adding Rx)
SYSTEM
INPUT VOLTAGE
VOLT-SECOND
CLAMP INPUT
VOLT-SECOND
CLAMP ADJUST INPUT
1952 F19
SD_VSEC
SS_MAXDC
VREF
LT1952
R1
Rx
R2
RB
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com