Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 16Page - Linear Technology LT1952IGN Datasheet HTML 17Page - Linear Technology LT1952IGN Datasheet HTML 18Page - Linear Technology LT1952IGN Datasheet HTML 19Page - Linear Technology LT1952IGN Datasheet HTML 20Page - Linear Technology LT1952IGN Datasheet HTML 21Page - Linear Technology LT1952IGN Datasheet HTML 22Page - Linear Technology LT1952IGN Datasheet HTML 23Page - Linear Technology LT1952IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT1952
20
1952f
APPLICATIO S I FOR ATIO
Figure 14. 36V to 72V Input to 5V at 20A Synchronous Forward Converter
Figure 13. Output Voltage Transient Response
(6A to 12A Load Step at 6A/µs)
Figure 12. LT1952-Based Synchronous Forward Converter
Efficiency vs Load Current (For Circuit in Figure 14)
LOAD CURRENT (A)
0
25
20
1952 F12
5
10
15
98
96
94
92
90
88
86
VIN = 48V
VOUT = 5V
fOSC = 300kHz
VDD
CG
PGND
GND
OPTO
VCOMP
VFB
FG
SYNC
VAUX
ICOMP
+ISNS
–ISNS
OVP
LTC1698
1
2
3
4
5
6
8
16
15
14
13
12
11
9
HCPL-M453
0.1µF
10VBIAS
6
5
4
1
2
3
SYNC
7VBIAS
+V0UT
R14
1.2k
R16
12.4k
R15
38.3k
C9, 6.8nF
1µF
X5R
R13
270Ω
0.1µF
T1
PA0491
Q2
PH3830
Q3
PH3830
L1
PA1393.152
C01
100µF
X5R
2×
+V0UT
5V
20A
SYNC
BAS516
220pF
560Ω
T2
SOUT
SOUT
CIN
2.2µF
100V
X5R
+VIN
36V TO 72V
1952 F14
Q1: PHM15NQ20 PHILIPS
SD_VSEC
OUT
OC
ISENSE
PGND
GND
VIN
LT1952
BLANK DELAY
912
16
5
6
2
3
4
7
14
11
10
13
8
15
115k
1k
0.1µF
0.1µF
10VBIAS
475k
18.2k
22k
40k
33k
4.75k
9.53k
100k
Q1
0.015Ω
COMP
1
1µF
40k
SYNC
SOUT
SS_MAXDC
VREF
FB
ROSC
VOUT
(200mV/DIV)
0A
IOUT
(5A/DIV)
20µs/DIV
1952 F13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com