Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 14Page - Linear Technology LT1952IGN Datasheet HTML 15Page - Linear Technology LT1952IGN Datasheet HTML 16Page - Linear Technology LT1952IGN Datasheet HTML 17Page - Linear Technology LT1952IGN Datasheet HTML 18Page - Linear Technology LT1952IGN Datasheet HTML 19Page - Linear Technology LT1952IGN Datasheet HTML 20Page - Linear Technology LT1952IGN Datasheet HTML 21Page - Linear Technology LT1952IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT1952
18
1952f
APPLICATIO S I FOR ATIO
to give,
t = RC • (–1) • ln(1 – VSS/SS_MAXDC(DC))
where,
VSS = SS_MAXDC voltage at time t
SS_MAXDC(DC) = programmed DC voltage setting
maximum duty cycle clamp =
VREF(RB/(RT + RB)
R = RCHARGE (Figure 11) = RT • RB/(RT + RB)
C = CSS (Figure 11)
Example (1) No Switching Period
The period of no switching for the converter, when a
soft-start event has occurred, depends on how far
SS_MAXDC can fall before recharging occurs and how
long a fault exists. It will be assumed that a fault triggering
soft-start is removed before SS_MAXDC can reach its
reset threshold (0.45V).
No Switching Period = tDISCHARGE + tCHARGE
tDISCHARGE = discharge time from SS_MAXDC(DC) to
0.45V
tCHARGE = charge time from 0.45V to VSS(ACTIVE)
tDISCHARGE was already calculated earlier as 185µs.
tCHARGE is calculated by assuming the following:
VREF = 2.5V, RT = 35.7k, RB = 100k, CSS = 0.1µF and
VSS(MIN) = 0.45V.
tCHARGE = t(VSS = 0.8V) – t(VSS = 0.45V)
Step 1:
SS_MAXDC(DC) = 2.5[100k/(35.7k + 100k)] = 1.84V
RCHARGE = (35.7k • 100k/135.7k) = 26.3k
Step 2:
t(VSS = 0.45V) is calculated from,
t = RCHARGE • CSS • (–1) • ln(1 – VSS/SS_MAXDC(DC))
= 2.63e4 • 1e–7 • (–1) • ln(1 – 0.45/1.84)
= 2.63e–3 • (–1) • ln(0.755) = 7.3e–4 s
Step 3:
t(VSS = 0.8V) is calculated from,
t = RCHARGE • CSS • (–1) • ln(1 – VSS/SS_MAXDC(DC))
= 2.63e4 • 1e–7 • (–1) • ln(1 – 0.8/1.84)
= 2.63e–3 • (–1) • ln(0.565) = 1.5e–3 s
From Step 1 and Step 2
tCHARGE = (1.5 – 0.73)e–3 s = 7.7e–4 s
The total time of no switching for the converter due to a
soft-start event
= tDISCHARGE + tCHARGE = 1.85e–4 + 7.7e–4 = 9.55e–4 s
Example (2) Converter Output Rise Time
The rise time for the converter output to reach regulation
can be closely approximated as the time between the start
of switching (SS_MAXDC = VSS(ACTIVE)) and the time
where converter duty cycle is in regulation (DC(REG)) and
no longer controlled by SS_MAXDC (SS_MAXDC =
VSS(REG)). Converter output rise time can be expressed as,
Output Rise Time = t(VSS(REG)) – t(VSS(ACTIVE))
Step 1: Determine converter duty cycle DC(REG) for
output in regulation
The natural duty cycle DC(REG) of the converter depends
on several factors. For this example it is assumed that
DC(REG) = 60% for system input voltage near the
undervoltage lockout threshold (UVLO). This gives
SD_VSEC = 1.32V.
Also assume that the maximum duty cycle clamp pro-
grammed for this condition is 72% for SS_MAXDC(DC) =
1.84V, fOSC = 200kHz and RDELAY = 40k.
Step 2: Calculate VSS(REG)
To calculate the level of SS_MAXDC (VSS(REG)) that no
longer clamps the natural duty cycle of the converter, the
equation for maximum duty cycle clamp must be used
(see previous section ‘Programming Maximum Duty Cycle
Clamp’).
The point where the maximum duty cycle clamp meets
DC(REG) during soft-start is given by,
DC(REG) = Max Duty Cycle clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com