Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 8Page - Linear Technology LT1952IGN Datasheet HTML 9Page - Linear Technology LT1952IGN Datasheet HTML 10Page - Linear Technology LT1952IGN Datasheet HTML 11Page - Linear Technology LT1952IGN Datasheet HTML 12Page - Linear Technology LT1952IGN Datasheet HTML 13Page - Linear Technology LT1952IGN Datasheet HTML 14Page - Linear Technology LT1952IGN Datasheet HTML 15Page - Linear Technology LT1952IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT1952
12
1952f
OPERATIO
Slope Compensation
The current mode architecture requires slope compensa-
tion to be added to the current sensing loop to prevent
subharmonic oscillations which can occur for duty cycles
above 50%. Unlike most current mode converters which
have a slope compensation ramp that is fixed internally,
placing a constraint on inductor value and operating
frequency, the LT1952 has externally adjustable slope
compensation. Slope compensation can be programmed
by inserting an external resistor (RSLOPE) in series with the
ISENSE pin. The LT1952 has a linear slope compensation
ramp which sources current out of the ISENSE pin of
approximately 8µA at 0% duty cycle to 35µA at 80% duty
cycle.
Over-Current Detection and Soft-Start (OC Pin)
An added feature to the LT1952 is a precise 100mV sense
threshold at the OC pin used to detect over-current condi-
tions in the converter and set a soft-start latch. The OC pin
is connected directly to the source of the primary side
MOSFET to monitor peak current in the MOSFET
(Figure 7). The 100mV threshold is constant over the
entire duty cycle range of the converter because it is
unaffected by the slope compensation added to the
ISENSE pin.
Synchronizing
A SYNC pin allows the LT1952 oscillator to be synchro-
nized to an external clock. The SYNC pin can be driven
from a logic level output, requiring less than 0.8V for a
logic level low and greater than 2.2V for a logic level high.
Duty cycle should run between 10% and 90%. To avoid
loss of slope compensation during synchronization, the
free running oscillator frequency (fOSC) should be pro-
grammed to 80% of the external clock frequency (fSYNC).
The RSLOPE resistor chosen for non-synchronized opera-
tion should be increased by 1.25x (= fSYNC/fOSC).
APPLICATIO S I FOR ATIO
Shutdown and Programming Undervoltage Lockout
The LT1952 has an accurate 1.32V shutdown threshold at
the SD_VSEC pin. This threshold can be used in conjunc-
tion with a resistor divider to define the undervoltage
lockout threshold (UVLO) of the system input voltage (VS)
to the power converter (Figure 3). A pin current hysteresis
(11µA before part turn on, 0µA after part turn on) allows
UVLO hysteresis to be programmed. Calculation of the
ON/OFF thresholds for the supply (SVIN) to the power
converter can be made as follows:
VS OFF Threshold = 1.32[1 + (R1/R2)]
VS ON Threshold = SVIN OFF + (11µA • R1)
A simple open drain transistor can be added to the resistor
divider network at the SD_VSEC pin to control the turn off
of the LT1952 (Figure 3).
The SD_VSEC pin must not be left open since there must
be an external source current >11µA to lift the pin past its
1.32V threshold for part turn on.
Micropower Start-Up: Selection of Start-Up Resistor
and Capacitor for VIN
The LT1952 uses turn-on voltage hysteresis at the VIN pin
and low start-up current to allow micro-power start-up
(Figure 4). The LT1952 monitors VIN pin voltage to allow
part turn on at 14.25V and part turn off at 8.75V. Low start-
up current (460µA) allows a large resistor to be connected
Figure 3. Programming Undervoltage Lockout (UVLO)
1.32V
SYSTEM
INPUT (VS)
OPTIONAL
SHUTDOWN
TRANSISTOR
1952 F03
SD_VSEC
11µA
LT1952
R1
R2
+
–
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com