Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 9Page - Linear Technology LT1952IGN Datasheet HTML 10Page - Linear Technology LT1952IGN Datasheet HTML 11Page - Linear Technology LT1952IGN Datasheet HTML 12Page - Linear Technology LT1952IGN Datasheet HTML 13Page - Linear Technology LT1952IGN Datasheet HTML 14Page - Linear Technology LT1952IGN Datasheet HTML 15Page - Linear Technology LT1952IGN Datasheet HTML 16Page - Linear Technology LT1952IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT1952
13
1952f
APPLICATIO S I FOR ATIO
between system input supply and VIN. Once the part is
turned on, input current increases to drive the IC (4.5mA)
and the output drivers (IDRIVE). A large enough capacitor
is chosen at the VIN pin to prevent VIN falling below 8.5V
before an auxiliary winding in the converter takes over
supply to VIN. This technique allows a simple resistor/
capacitor for start-up which draws low power from the
system supply to the converter. The values for RSTART and
CSTART are given by:
RSTART(MAX) = (VS(MIN) – VIN ON(max))/ISTART(MAX)
CSTART(MIN) = (IQ(MAX) + IDRIVE(MAX)) • tSTART/
VIN HYST(MIN)
Example:
For VS(MIN) = 36V, VIN ON(MAX) = 15.75V,
ISTART(MAX) = 700µA, IQ(MAX) = 5.5mA,
IDRIVE(MAX) = 5mA, VIN HYST(MIN) = 3.75V
and tSTART = 100µs,
RSTART = (36 – 15.75)/700µA = 28.9k (choose 28.7k)
CSTART = (5.5mA + 5mA) • 100µs/3.75V = 0.28µF
(typically choose ≥ 1µF)
For system input voltages exceeding the absolute maxi-
mum rating of the LT1952 VIN pin, an external zener should
be connected from the VIN pin to ground. This covers the
condition where VIN charges past VIN ON (typically 14.25V)
but the part does not turn on because SD_VSEC < 1.32V. In
this condition VIN will continue to charge towards system
Figure 4. Low Power Start-Up
VIN, possibly exceeding the rating for the VIN pin. The zener
voltage should obey VIN ON(MAX) < VZ < 25V.
Programming Oscillator Frequency
The oscillator frequency (fOSC) of the LT1952 is pro-
grammed using an external resistor (ROSC) connected
between the ROSC pin and ground. Figure 5 shows typical
fOSC vs. ROSC resistor values. The LT1952 free-running
oscillator frequency is programmable in the range of
100kHz to 500kHz.
Stray capacitance and potential noise pickup on the ROSC
pin should be minimized by placing the ROSC resistor as
close as possible to the ROSC pin and keeping the area of
the ROSC node as small as possible. The ground side of the
ROSC resistor should be returned directly to the (analog
ground) GND pin. ROSC can be calculated by,
ROSC = 9.125k [(4100k/fOSC) – 1]
Figure 5. Oscillator Frequency (fOSC) vs ROSC
ROSC (kΩ)
50
400
1952 F05
100
150
250
200
300
350
500
450
400
350
300
250
200
150
100
1.32V
SYSTEM
INPUT (VS)
FROM AUXILIARY WINDING
*FOR VS > 25V, ZENER D1 RECOMMENDED
(VIN ON(MAX) < VZ < 25V)
1952 F04
VIN
LT1952
(14.25V ON, 8.75V OFF)
CSTART
D1*
RSTART
+
–
Programming Leading Edge Blank Time
For PWM controllers driving external MOSFETs, noise can
be generated at the source of the MOSFET during gate rise
time and some time thereafter. This noise can potentially
exceed the OC and ISENSE pin thresholds of the LT1952 to
cause premature turn off of SOUT and OUT in addition to
false trigger of soft-start. The LT1952 provides program-
mable leading edge blanking of the OC and ISENSE com-
parator outputs to avoid false current sensing during
MOSFET switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com