Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 16Page - Linear Technology LT1952IGN Datasheet HTML 17Page - Linear Technology LT1952IGN Datasheet HTML 18Page - Linear Technology LT1952IGN Datasheet HTML 19Page - Linear Technology LT1952IGN Datasheet HTML 20Page - Linear Technology LT1952IGN Datasheet HTML 21Page - Linear Technology LT1952IGN Datasheet HTML 22Page - Linear Technology LT1952IGN Datasheet HTML 23Page - Linear Technology LT1952IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT1952
22
1952f
APPLICATIO S I FOR ATIO
Figure 18. 36V to 72V, 3.3V at 40A Synchronous Forward Converter
Figure 17. LT1952-Based Synchronous Forward Converter
Efficiency vs Load Current (For Circuit in Figure 18)
36V to 72V Input, 3.3V 40A Converter
An LT1952-based synchronous forward converter pro-
vides the ideal solution for power supplies requiring high
efficiency at low output voltages and high load currents.
The 3.3V 40A solution in Figure 18 achieves peak efficien-
cies of 92.5% (Figure 17) by minimizing power loss due to
rectification at the output. Synchronous rectifier control
output SOUT, with programmable delay, optimizes timing
control for a secondary side synchronous MOSFET con-
troller (LTC3900) which results in high efficiency synchro-
nous rectification. The LT1952 uses a precision current
limit threshold at the OC pin combined with a soft-start
hiccup mode to provide low stress output short circuit
protection. The maximum output current will vary only
10% over the full VIN range. During short circuit the
average power dissipation of the circuit will be lower than
15% of maximum rated power thanks to a soft-start
OUTPUT CURRENT (A)
010
50
1952 F17
20
30
40
94
93
92
91
90
89
88
87
86
VIN = 48V
VOUT = 3.3V
fOSC = 300kHz
•
•
•
LTC3900
8V
BIAS
VU1
VU1
220pF
BAT760
8V
BIAS
3
FG
5
CG
+VIN
36V TO 72V
PA0912.002
BAS516
BCX55
VOUT
3.3V, 40A
10k
10k
10k
1nF
8V
BIAS
1µF
15k
560Ω
COUT
100µF
3x
0.1µF
2.2µF
1nF
12V
Q2
PH3230
2x
Q3
PH3230
2x
18V
270Ω
PS8101
T2
Q4470-B
2.2nF
VU1
18k
249k
80.6k
1µF
0.1µF
10k
10k
82k
47k
4
3
5
4
8
2
1
LT1009
LT1797
1952 F18
L1
SD_VSEC
OUT
LT1952
714
ROSC
VIN
315
BLANK
GND
98
SS_MAXDC
PGND
513
DELAY
12
VR = 2.5V
OC
611
COMP
ISENSE
110
FB = 1.23V
SOUT
216
Si7846
1
GND
6
CS+
2
VCC
4
CS–
7
SYNC
8
TIMER
370k
10mΩ
1µF
470Ω
39k
13.2k
115k
27k
0.22µF
0.1µF
10k
59k
33k
2.2k
22k
L1: PA0713, PULSE ENGINEERING
ALL CAPACITORS X7R, CERAMIC, TDK
T2: COILCRAFT
controlled hiccup mode. This allows a significant reduc-
tion in power component sizing using the LT1952-based
converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com