Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 4 Page - Linear Technology

  LT1952IGN Datasheet HTML 1Page - Linear Technology LT1952IGN Datasheet HTML 2Page - Linear Technology LT1952IGN Datasheet HTML 3Page - Linear Technology LT1952IGN Datasheet HTML 4Page - Linear Technology LT1952IGN Datasheet HTML 5Page - Linear Technology LT1952IGN Datasheet HTML 6Page - Linear Technology LT1952IGN Datasheet HTML 7Page - Linear Technology LT1952IGN Datasheet HTML 8Page - Linear Technology LT1952IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT1952
4
1952f
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF,
VREF = 0.1µF, SD_VSEC = 2V, BLANK = 40k, DELAY = 40k, ISENSE = 0V, OC = 0V, OUT = 1nF, VIN = 15V, SOUT = open, unless otherwise
specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1952EGN is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT1952IGN is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: Rise and Fall times are measured at 10% and 90% levels.
Note 4: Guaranteed by correlation to static test.
Note 5: This IC includes over-temperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when over-temperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 6: Guaranteed but not tested.
Note 7: Maximum recommended SYNC frequency = 500kHz.
Note 8: In applications where the VIN pin is supplied via an external RC
network from a SYSTEM VIN > 25V, an external zener with clamp voltage
VIN ON(MAX) < VZ < 25V should be connected from the VIN pin to ground.
Note 9: VIN start-up current is measured at VIN = VIN ON – 0.25V and
scaled by x 1.18 (to correlate to worst case VIN start-up current at VIN ON).
Note 10: Timing for R = 40k derived from measurement with R = 240k.
OUT Max Duty Cycle
COMP = 2.5V, FB = 1V, RDELAY = 10k
(fOSC = 200kHz)
SD_VSEC = 1.4V, SS_MAXDC = VREF
83
90
%
OUT Max Duty Cycle Clamp
COMP = 2.5V, FB = 1V, RDELAY = 10k
(fOSC = 200kHz)
SD_VSEC = 1.32V, SS_MAXDC = 1.84V
63.5
72
80.5
%
SD_VSEC = 2.64V, SS_MAXDC = 1.84V
25
33
41
%
SOFT-START
SS_MAXDC Low Level: VOL
I(SS_MAXDC) = 150µA, OC = 1V
0.2
V
SS_MAXDC Soft-Start Reset Threshold
Measured on SS_MAXDC
0.45
V
SS_MAXDC Active Threshold
FB = 1V, DC > 0%
0.8
V
SS_MAXDC Input Current (Soft-Start Pulldown: Idis)
SS_MAXDC = 1V, SD_VSEC = 1.4V, OC = 1V
800
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com