Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 2Page - Linear Technology LT1952IGN Datasheet HTML 3Page - Linear Technology LT1952IGN Datasheet HTML 4Page - Linear Technology LT1952IGN Datasheet HTML 5Page - Linear Technology LT1952IGN Datasheet HTML 6Page - Linear Technology LT1952IGN Datasheet HTML 7Page - Linear Technology LT1952IGN Datasheet HTML 8Page - Linear Technology LT1952IGN Datasheet HTML 9Page - Linear Technology LT1952IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1952
6
1952f
TYPICAL PERFOR A CE CHARACTERISTICS
COMP Source Current vs
Temperature
COMP Sink Current vs
Temperature
(Disabled) COMP Pin Current vs
Temperature
ISENSE Maximum Threshold vs
COMP
ISENSE Maximum Threshold vs
Temperature
ISENSE Pin Current (Out of Pin) vs
Duty Cycle
ISENSE Maximum Threshold vs
Duty Cycle (Programming Slope
Compensation)
OC (Over-Current) Threshold vs
Temperature
Blank Duration vs Temperature
TEMPERATURE (°C)
–50
5.0
12.5
0
50
75
1952 G10
10.0
7.5
–25
25
100
125
CURRENT OUT OF PIN
FB = 1V
COMP = 1.6V
TEMPERATURE (°C)
–50
5.0
12.5
0
50
75
1952 G11
10.0
7.5
–25
25
100
125
FB = 1.4V
COMP = 1.6V
TEMPERATURE (°C)
–50
0
50
40
30
0
50
75
1952 G12
10
20
–25
25
100
125
FB = VREF
COMP = 1.6V
COMP (V)
0
0
240
160
200
120
1.0
2.0
2.5
1952 G13
40
80
0.5
1.5
3.0
TA = 25°C
RISENSE = 0k
OC THRESHOLD
DUTY CYCLE (%)
0
0
10
40
20
50 60
1952 G15
30
20
10
30 40
80
70
90 100
TA = 25°C
TEMPERATURE (°C)
–50
200
210
240
0
50
75
1952 G14
230
220
–25
25
100
125
COMP = 2.5V
RISENSE = 0k
DUTY CYCLE (%)
0
175
185
195
225
20
50 60
1952 G16
215
205
10
30 40
80
70
90 100
RSLOPE = 1k
RSLOPE = 470Ω
RSLOPE = 0Ω
TA = 25°C
COMP = 2.5V
TEMPERATURE (°C)
–50
80
90
120
0
50
75
1952 G17
110
100
–25
25
100
125
PRECISION OVER-CURRENT THRESHOLD
INDEPENDENT OF DUTY CYCLE
TEMPERATURE (°C)
–50
0
200
800
0
50
75
1952 G18
600
400
–25
25
100
125
RBLANK = 40k
RBLANK = 120k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com