Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5462 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5462 Datasheet HTML 1Page - Cirrus Logic CS5462 Datasheet HTML 2Page - Cirrus Logic CS5462 Datasheet HTML 3Page - Cirrus Logic CS5462 Datasheet HTML 4Page - Cirrus Logic CS5462 Datasheet HTML 5Page - Cirrus Logic CS5462 Datasheet HTML 6Page - Cirrus Logic CS5462 Datasheet HTML 7Page - Cirrus Logic CS5462 Datasheet HTML 8Page - Cirrus Logic CS5462 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CS5462
5
1. GENERAL DESCRIPTION
The CS5462 is a CMOS monolithic power mea-
surement device with an energy computation en-
gine. The CS5462 combines a programmable gain
amplifier, two
∆Σ ADC’s, system calibration, and
energy-to-frequency conversion circuitry on a sin-
gle chip.
The CS5462 is designed for energy measurement
applications and is optimized to interface to a shunt
or current transformer for current measurement,
and to a resistive divider or transformer for voltage
measurement. The current channel has a pro-
grammable gain amplifier (PGA) which provides
two full-scale input level options. With a single +5 V
supply on VA+/AGND, both of the CS5462’s input
channels accommodate common mode + signal
levels between (AGND - 0.25 V) and VA+.
The CS5462 has three pulse output pins: E1, E2
and FOUT. E1 and E2 can be used to directly drive
a mechanical counter or stepper motor, or inter-
face to a micro controller. The FOUT pin conveys
average real power at a pulse frequency many
times higher than that of the E1 or E2 pulse fre-
quency, allowing for high speed calibration.
2.
PIN DESCRIPTION
Clock Generator
Crystal Out
Crystal In
1,24
XOUT, XIN - A single stage amplifier inside the chip is connected to these pins and can be used
with a crystal to provide the system clock for the device. Alternatively, an external clock can be
supplied to the XIN pin to provide the system clock for the device.
CPU Clock Output
2
CPUCLK - Output of on-chip oscillator which can drive one standard CMOS load.
Control Pins
Calibration Pins
5, 23
CAL0, CAL1 - Must be tied to a program select pin for calibration.
Program
Selects1,2,3,4,5,6
4,6,20,22,21,
18,3
P1, P2, P3, P4, P5, P6, P7 - Used in Calibration, Frequency Select, and Input Gain Select.
Frequency Select
7
FREQ - Must be tied to a program select pin to determine the frequency of E1 and E2.
Current Channel Gain
Select
17
IGAIN - Must be tied to a program select pin to determine the Full-Scale Input Voltage Range of
the current channel.
Reset
19
RESET - Low activates Reset
Energy Pulse Outputs
Energy Output 14, 23
21, 22
E1, E2 - The energy output pin issues a fixed-width pulse train output with a rate proportional to
real energy.
High Freq Output5
18
FOUT - Outputs energy pulses at a maximum rate of 10 kHz. Used for calibration purposes.
Negative Energy
Indicator6
6
NEG - Low indicates negative energy.
Analog Inputs/Outputs
VREFIN
12
Voltage Reference Input
VREFOUT
11
Voltage Reference Output
VIN-
10
Differential Voltage Input
VIN+
9
Differential Voltage Input
DGND
8
Digital Ground
FREQ
7
Frequency Select
NEG / P2
6
Neg Energy Indicator / Prog Sel 2
CAL0
5
Calibration Pin 0
DGND / P1
4
Digital Ground / Prog Sel 1
VD+ / P7
3
Positive Power Supply / Prog Sel 7
CPUCLK
2
CPU Clock Output
XOUT
1
Crystal Out
AGND
13
Analog Ground
VA+
14
Positive Analog Supply
IIN-
15
Differential Current Input
IIN+
16
Differential Current Input
IGAIN
17
Gain Select
FOUT / P6
18
High Frequency Output / Prog Sel 6
RESET
19
Reset
P3
20
Program Select 3
E1 / P5
21
Energy Output 1 / Prog Sel 5
E2 / P4
22
Energy Output 2 / Prog Sel 4
CAL1
23
Calibration Pin 1
XIN
24
Crystal In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com