Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5462 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5462 Datasheet HTML 1Page - Cirrus Logic CS5462 Datasheet HTML 2Page - Cirrus Logic CS5462 Datasheet HTML 3Page - Cirrus Logic CS5462 Datasheet HTML 4Page - Cirrus Logic CS5462 Datasheet HTML 5Page - Cirrus Logic CS5462 Datasheet HTML 6Page - Cirrus Logic CS5462 Datasheet HTML 7Page - Cirrus Logic CS5462 Datasheet HTML 8Page - Cirrus Logic CS5462 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
Cirrus Logic, Inc. 2003
(All Rights Reserved)
http://www.cirrus.com
CS5462
Low Cost Power/Energy IC with Pulse Output
Features
Single Chip; Power Measurement Solution
Energy Data Linearity: ±0.1% of Reading
over 1000:1 Dynamic Range
On-Chip functions: Measures Energy and
Performs Energy-to-Pulse Conversions
Meets Accuracy Spec for IEC 687/1036
On-Chip System Calibration Option
High Pass Filter Option for Both I and V
2 Available Current Input Ranges
On-Chip 2.5 V Reference (25 ppm/°C typ)
Pulse Outputs for Stepper Motor or
Mechanical Counter
On-Chip Energy Direction Indicator
Ground Reference Input Signals with Single
Supply
High Frequency Output for Calibration
On-Chip Power-on Reset
Power Supply Configurations:
VA+ = +5 V; AGND = 0 V; VD+ = +3.3 V to 5 V
Description
The CS5462 is a low cost power meter solution combin-
ing two
∆Σ Analog-to-Digital Converters (ADC)’s, an
energy-to-frequency converter, and energy pulse out-
puts on a single chip. It is designed to accurately
measure and calculate energy for single phase 2- or 3-
wire power metering applications with minimal external
components.
Low frequency energy outputs, E1 and E2, supply aver-
age real power and can be used to drive a stepper motor
or a mechanical counter; the high frequency energy out-
put FOUT can be used for calibration; and NEG indicates
negative power.
The CS5462 has configuration pins which allow for direct
configuration of pulse output format, pulse output fre-
quency, current channel input range, high pass filter
option, and on-chip calibration.
The CS5462 also has a power-on reset function which
holds the part in reset until the supply reaches an oper-
able level.
ORDERING INFORMATION
CS5462-IS
-40° to 85° C
24-pin SSOP
I
PGA
VA+
IIN+
IIN-
VIN+
VIN-
VREFIN
VREFOUT
High Pass
Filter
Voltage
Reference
x1
RESET
Digital
Filter
High Pass
Filter
x10
Energy to
Pulse Rate
Converter
4th Order
∆Σ
Modulator
2nd Order
∆Σ
Modulator
Digital
Filter
x10,x50
DGND / P1
Energy
Direction
Calibration
VD+ / P7
Configuration Inputs: On-Chip Calibration,
Pulse Output Mode / Output Frequency,
HPF Option, and
Current Channel Input Range
Clock
Generator
XOUT
CPUCLK
E2 / P4
E1 / P5
FOUT / P6
IGAIN
CAL1
FREQ
CAL0
NEG/P2
P3
XIN
Program Select
Outputs
for
Configuration
AGND
OCT 03
DS547PP1


Similar Part No. - CS5462

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
Single Phase Bi-Directional Power/Energy IC
CS5460-BS CIRRUS-CS5460-BS Datasheet
583Kb / 34P
Single Phase Bi-Directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5460A-BS CIRRUS-CS5460A-BS Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
More results

Similar Description - CS5462

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
Low-cost Power/Energy IC with Pulse Output
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Cirrus Logic
CS5466 CIRRUS-CS5466_05 Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
logo
Analog Devices
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
Energy Metering IC with Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com