Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5462 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5462 Datasheet HTML 10Page - Cirrus Logic CS5462 Datasheet HTML 11Page - Cirrus Logic CS5462 Datasheet HTML 12Page - Cirrus Logic CS5462 Datasheet HTML 13Page - Cirrus Logic CS5462 Datasheet HTML 14Page - Cirrus Logic CS5462 Datasheet HTML 15Page - Cirrus Logic CS5462 Datasheet HTML 16Page - Cirrus Logic CS5462 Datasheet HTML 17Page - Cirrus Logic CS5462 Datasheet HTML 18Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
CS5462
16
4.8
Basic Application Circuit
Configurations
Figure 9 shows the CS5462 configured to measure
power in a single-phase 2-wire system while oper-
ating in a single supply configuration. In this dia-
gram, the shunt resistor used to monitor the line
current is connected on the “Line” (hot) side of the
power mains. In most residential power metering
applications, the power meter’s current-sense
shunt resistor is intentionally placed on the hot side
of the power mains in order to detect a subscriber’s
attempt to steal power. In this type of shunt-resistor
configuration, the common-mode level of the
CS5462 must be referenced to the hot side of the
power line. This means that the common-mode po-
tential of the CS5462 will typically oscillate to very
high voltage levels, as well as very low voltage lev-
els, with respect to earth ground potential.
Jumpers
for
Calibration,
Freq Select
and
Gain Select
Mechanical
Counter
DGND / P1
EDIR / P4
VD+ / P7
NEG / P2
P3
CAL0
CAL1
FREQ
IGAIN
EOUT
FOUT / P6
XOUT
XIN
CPUCLK
DGND
VA-
VREFOUT
VREFIN
IIN+
IIN-
VIN-
VIN+
AGND
3
15
14
9
10
16
12
11
13
8
2
24
1
18
21
22
17
7
5
23
20
6
4
120 VAC
10 Ω
500 Ω
500 Ω
470 nV
+100 µF
0.1 µF
0.1 µF
R
SHUNT
0.1 µF
R
1
R
2
NL
AGND
VA+
E2 / P4
E1 / P5
R
I+
R
I-
R
V-
C
Idiff
C
Vdiff
C
V-
C
V+
C
I+
C
I-
Stepper
Motor
or
Figure 8. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com