Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5462 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5462 Datasheet HTML 3Page - Cirrus Logic CS5462 Datasheet HTML 4Page - Cirrus Logic CS5462 Datasheet HTML 5Page - Cirrus Logic CS5462 Datasheet HTML 6Page - Cirrus Logic CS5462 Datasheet HTML 7Page - Cirrus Logic CS5462 Datasheet HTML 8Page - Cirrus Logic CS5462 Datasheet HTML 9Page - Cirrus Logic CS5462 Datasheet HTML 10Page - Cirrus Logic CS5462 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CS5462
7
3.CHARACTERISTICS/SPECIFICATIONS
•
Min / Max characteristics and specifications are
guaranteed over all Operating Conditions.
•
Typical characteristics and specifications are mea-
sured at nominal supply voltages and TA = 25 °C.
•
AGND = DGND = 0 V. All voltages with respect to
0V.
•
CAL0 and CAL1 are connected to P4 unless other-
wise noted.
ANALOG CHARACTERISTICS
Notes: 1. Applies After System Calibration
2. VA+=VD+=5 V ±10%; MCLK =4.096 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Analog Inputs (Current Channel)
Maximum Differential Input Voltage Range
(Gain = 10)
{(IIN+)-(IIN-)}
(Gain = 50)
IIN
-
-
-
-
500
100
mVP-P
mVP-P
Input Capacitance
(All Gain Ranges)
CinI
-25
-
pF
Effective Input Impedance
(All Gain Ranges)(Note 2)
ZinI
30
-
-
k
Ω
Analog Inputs (Voltage Channel)
Maximum Differential Input Voltage Range
{(VIN+)-(VIN-)}
VIN
-
-
500
mVP-P
Input Capacitance
CinV
-0.2
-
pF
Effective Input Impedance
(Note 2)
ZinV
5-
-
M
Ω
Accuracy (Energy Outputs)
Offset Error
VOS
-
.01
-
%F.S.
Full-Scale Error
(Note 1)
FSE
-
.1
-
%F.S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com