Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5462 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5462 Datasheet HTML 4Page - Cirrus Logic CS5462 Datasheet HTML 5Page - Cirrus Logic CS5462 Datasheet HTML 6Page - Cirrus Logic CS5462 Datasheet HTML 7Page - Cirrus Logic CS5462 Datasheet HTML 8Page - Cirrus Logic CS5462 Datasheet HTML 9Page - Cirrus Logic CS5462 Datasheet HTML 10Page - Cirrus Logic CS5462 Datasheet HTML 11Page - Cirrus Logic CS5462 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CS5462
8
ANALOG CHARACTERISTICS (Continued)
Notes: 3. All outputs unloaded. All inputs CMOS level.
4. Definition for PSRR: VREFIN tied to VREFOUT, VA+ = VD+ = 5 V, a 150 mV zero-to-peak sine wave (frequency
= 60 Hz) is imposed onto the +5 V supply voltage at VA+ and VD+ pins. The “+” and “-” input pins of both input
channels are shorted to VA-. Then the CS5462 is put into an internal test mode and digital output data is collected
for the channel under test. The zero-peak value of the digital sinusoidal output signal is determined, and this value
is converted into the zero-peak value of the sinusoidal voltage that would need to be applied at the channel’s inputs,
in order to cause the same digital sinusoidal output. This voltage is then defined as Veq. PSRR is then (in dB):
VREFOUT REFERENCE OUTPUT VOLTAGE
Notes: 5. The voltage at VREFOUT is measured across the temperature range. From these measurements the
following formula is used to calculate the VREFOUT Temperature Coefficient:.
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics
High Pass Filter Pole Frequency
-3 dB
-
0.5
-
Hz
Power Supplies
Power Supply Currents
IA+
ID+ (VD+ = 5 V)
ID+ (VD+ = 3.3 V)
PSCA
PSCD
PSCD
-
-
-
1.3
2.9
1.7
-
-
-
mA
mA
mA
Power Consumption
(VD+ = 5 V)
(Note 3)
(VD+ = 3.3 V)
PC
-
-
21
11.6
25
-
mW
mW
Power Supply Rejection Ratio
(50, 60 Hz)
(Note 4)
Voltage Channel (Gain = 10)
Current Channel (Gain = 10)
(Gain = 50)
PSRR
PSRR
PSRR
48
75
56
-
-
-
-
-
-
-
-
dB
dB
dB
Parameter
Symbol
Min
Typ
Max
Unit
Reference Output
Output Voltage
REFOUT
+2.4
+2.6
V
VREFOUT Temperature Coefficient
TCVREF
25
60
ppm/°C
Load Regulation
(Output Current 1
µA Source or Sink)
∆V
R
610
mV
Reference Input
Input Voltage Range
VREFIN
+2.4
+2.5
+2.6
V
Input Capacitance
-
4
-
pF
Input CVF Current
-
25
-
nA
PSRR
20
0.150V
V
eq
------------------



log
⋅
=
(VREFOUTMAX - VREFOUTMIN)
VREFOUTAVG
(
1
T
A
MAX
- T
A
MIN
(
1.0 x 10
(
6
TC
VREF =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com