Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5462 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5462 Datasheet HTML 6Page - Cirrus Logic CS5462 Datasheet HTML 7Page - Cirrus Logic CS5462 Datasheet HTML 8Page - Cirrus Logic CS5462 Datasheet HTML 9Page - Cirrus Logic CS5462 Datasheet HTML 10Page - Cirrus Logic CS5462 Datasheet HTML 11Page - Cirrus Logic CS5462 Datasheet HTML 12Page - Cirrus Logic CS5462 Datasheet HTML 13Page - Cirrus Logic CS5462 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CS5462
10
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
10. VA+ and AGND must satisfy {(VA+) - (AGND)}
≤ + 6.0 V.
11. VD+ and AGND must satisfy {(VD+) - (AGND)}
≤ + 6.0 V.
12. VA+ and VD+ can differ by as much as 200 mV, as long as VA+ > VD+.
13. Applies to all pins including continuous over-voltage conditions at the analog input pins.
14. Transient current of up to 100 mA will not cause SCR latch-up.
15. Maximum DC input current for a power supply pin is ±50 mA.
16. Total power dissipation, including all input currents and output currents.
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
(Notes 10, 10 and 12)
Positive Digital
Positive Analog
VD+
VA+
-0.3
-0.3
-
-
+6.0
+6.0
V
V
Input Current, Any Pin Except Supplies
(Notes 13, 14, 15)
IIN
--
±10
mA
Power Dissipation
(Note 16)
PD
-
-
500
mW
Analog Input Voltage
All Analog Pins
VINA
- 0.3
-
(VA+) + 0.3
V
Digital Input Voltage
All Digital Pins
VIND
-0.3
-
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com