Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5462 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5462 Datasheet HTML 7Page - Cirrus Logic CS5462 Datasheet HTML 8Page - Cirrus Logic CS5462 Datasheet HTML 9Page - Cirrus Logic CS5462 Datasheet HTML 10Page - Cirrus Logic CS5462 Datasheet HTML 11Page - Cirrus Logic CS5462 Datasheet HTML 12Page - Cirrus Logic CS5462 Datasheet HTML 13Page - Cirrus Logic CS5462 Datasheet HTML 14Page - Cirrus Logic CS5462 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CS5462
11
3.1
Theory of Operation
A computational flow diagram for the two data
paths is shown in Figure 1. The analog waveforms
at the voltage/current channel inputs are subject to
the gains of the input PGAs.
3.1.1
Digital Filters
The modulators convert the analog input voltages
on the I and V channels to a digital bitstream; which
is then filtered by the digital filter section. The digi-
tal filter is composed of low pass sinc 3 and IIR fil-
ters. The IIR filters are used to compensate for the
magnitude roll-off of the low pass filter section.
Both channels provide a high-pass filter option
which can be engaged into the signal path to re-
move the DC content from the current/voltage signal
before the energy calculations are made.
3.1.2
Gain Calibration
After being filtered, the instantaneous voltage and
current digital codes are used to calculate real av-
erage power. This power is then adjusted based on
the internal calibration setting defined at startup.
Calibrating the CS5462 is done by externally con-
necting the configuration input pins, CAL1 and
CAL0, to the program select output pins, P1 - P7,
in a particular sequence. These connections will in-
ternally compensate for small gain errors.
3.1.3
Energy-to-Frequency Conversion
The calibrated energy value is then converted into
a pulse output stream with a average frequency
proportional to the measured energy. Pulse output
pins E1 and E2 can be set to lower frequencies to
directly drive a stepper motor or a mechanical
counter or interface a microcontroller or infrared
LED. The FOUT pulse output pin is set to max fre-
quency of 10 kHz. With full scale inputs on both the
current and voltage channels FOUT will output
pulses with an average frequency of 10 kHz.
x
VIN±
IIN±
PGA Gain Select
HPF Select
Freq Select
Energy to
Pulse Rate
Converter
E1
E2
FOUT
Calibration
Digital
Filters
Digital
Filters
4th Order
∆Σ
Modulator
2nd Order
∆Σ
Modulator
PGA
10x
x
On-Chip
Configuration
Output Mode Select
HPF
HPF
Figure 1. Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com