Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5462 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5462 Datasheet HTML 5Page - Cirrus Logic CS5462 Datasheet HTML 6Page - Cirrus Logic CS5462 Datasheet HTML 7Page - Cirrus Logic CS5462 Datasheet HTML 8Page - Cirrus Logic CS5462 Datasheet HTML 9Page - Cirrus Logic CS5462 Datasheet HTML 10Page - Cirrus Logic CS5462 Datasheet HTML 11Page - Cirrus Logic CS5462 Datasheet HTML 12Page - Cirrus Logic CS5462 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CS5462
9
DIGITAL CHARACTERISTICS (Note 6)
Notes: 6. All measurements performed under static conditions.
SWITCHING CHARACTERISTICS
7. If external MCLK is used, then the duty cycle must be between 45% and 55% to maintain this
specification.
8. Specified using 10% and 90% points on wave-form of interest. Output loaded wi th 50pF.
9. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an
external clock source.
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
XIN
RESET
VIH
(VD+) - 0.5
0.8 VD+
-
-
-
-
V
V
Low-Level Input Voltage (VD = 5 V)
XIN
RESET
VIL
-
-
-
-
1.5
0.2 VD+
V
V
Low-Level Input Voltage (VD = 3.3 V)
XIN
RESET
VIL
-
-
-
-
0.3
0.2 VD+
V
V
High-Level Output Voltage (except XOUT)
Iout = +5 mA
VOH
(VD+) - 1.0
-
-
V
Low-Level Output Voltage (except XOUT)
Iout = -5 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF
Drive Current FOUT, E1, E2, NEG, CPUCLK
90
mA
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
Internal Gate Oscillator
MCLK
3
4.096
5
MHz
Master Clock Duty Cycle
40
-
60
%
CPUCLK Duty Cycle
(Note 7)
40
60
%
Rise Times
Any Digital Input
(Note 8)
Any Digital Output
trise
-
-
-
50
1.0
-
µs
ns
Fall Times
Any Digital Input
(Note 8)
Any Digital Output
tfall
-
-
-
50
1.0
-
µs
ns
Start-up
Oscillator Start-Up Time
XTAL = 4.096 MHz (Note 9)
tost
-60
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com