Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5462 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5462 Datasheet HTML 2Page - Cirrus Logic CS5462 Datasheet HTML 3Page - Cirrus Logic CS5462 Datasheet HTML 4Page - Cirrus Logic CS5462 Datasheet HTML 5Page - Cirrus Logic CS5462 Datasheet HTML 6Page - Cirrus Logic CS5462 Datasheet HTML 7Page - Cirrus Logic CS5462 Datasheet HTML 8Page - Cirrus Logic CS5462 Datasheet HTML 9Page - Cirrus Logic CS5462 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CS5462
6
Notes:
1 Pin number 4 is described as Digital Ground (DGND) and also P1
2 Pin number 3 is described as Positive Power Supply (VD+) and also P7
3 Pin number 22 is described as Energy Output 2 (E2) and also P4
4 Pin number 21 is described as Energy Output 1 (E1) and also P5
5 Pin number 18 is described as High Frequency Output (FOUT) and also P6
6 Pin number 6 is described as Negative Energy Indicator (NEG) and also P2
Differential
Voltage Inputs
9,10
VIN+, VIN- - Differential analog input pins for voltage channel.
Voltage
Reference Output
11
VREFOUT - The on-chip voltage reference is output from this pin. The voltage reference has a
nominal magnitude of 2. 5V and is referenced to the AGND pin on the converter.
Voltage
Reference Input
12
VREFIN - The voltage input to this pin establishes the voltage reference for the on-chip modula-
tor.
Differential
Current Inputs
16,15
IIN+, IIN- - Differential analog input pins for current channel.
Power Supply Connections
Positive
Digital Supply
3
VD+ - The positive digital supply.
Digital Ground
4*
DGND - Digital Ground
Analog Ground
13
AGND - Analog Ground
Positive
Analog Supply
14
VA+ - The positive analog supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com