Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012B Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 20Page - Infineon Technologies AG TLE5012B Datasheet HTML 21Page - Infineon Technologies AG TLE5012B Datasheet HTML 22Page - Infineon Technologies AG TLE5012B Datasheet HTML 23Page - Infineon Technologies AG TLE5012B Datasheet HTML 24Page - Infineon Technologies AG TLE5012B Datasheet HTML 25Page - Infineon Technologies AG TLE5012B Datasheet HTML 26Page - Infineon Technologies AG TLE5012B Datasheet HTML 27Page - Infineon Technologies AG TLE5012B Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
TLE5012B
Specification
Data Sheet
24
Rev. 2.0, 2014-02
4.3.4
Angle Performance
After internal calculation, the sensor has a remaining error, as shown in Table 4-9. The error value refers to BZ=
0mT and the operating conditions given in Table 4-2 “Operating range and parameters” on Page 19.
The overall angle error represents the relative angle error. This error describes the deviation from the reference
line after zero-angle definition. It is valid for a static magnetic field.
If the magnetic field is rotating during the measurement, an additional propagation error is caused by the angle
delay time (see Table 4-10 “Signal processing” on Page 27), which the sensor needs to calculate the angle
from the raw sine and cosine values from the MR bridges. In fast-turning applications, prediction can be enabled
to reduce this propagation error.
If autocalibration (see Chapter 4.3.5) is enabled and the temperature changes by more than 5 Kelvin during 1.5
revolutions an additional error has to be added to the specified angle error in Table 4-9. This error depends on the
temperature change (Delta Temperature) as well as from the initial temperature (Tstart) as shown in Figure 4-3.
Once the temperature stabilizes and the application completes 1.5 revolutions, then the angle error is as specified
in Table 4-9.
For negative Delta Temperature changes (from higher to lower temperatures) the additional angle error will be
smaller than the corresponding positive Delta Temperature changes (from lower to higher temperatures) shown
in Figure 4-3. The Figure 4-3 applies to the worst case.
Table 4-9
Angle performance
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Overall angle error (with auto-
calibration)
αErr
0.61)
1) At 25°C, B = 30mT
1.0 °
Including lifetime and
temperature drift2)3)4). Note:
in case of temperature
changes above 5 Kelvin
within 1.5 revolutions refer
to Figure 4-3 for additional
angle error.
2) Including hysteresis error, caused by revolution direction change
3) Relative error after zero angle definition
4) Not subject to production test - verified by design/characterization
Overall angle error (without auto-
calibration)
αErr
0.61)
1.3 °
Including temperature
drift2)3)5)
5) 0h
1.9 °
Including lifetime and
temperature drift2)3)4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com