Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012B Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 17Page - Infineon Technologies AG TLE5012B Datasheet HTML 18Page - Infineon Technologies AG TLE5012B Datasheet HTML 19Page - Infineon Technologies AG TLE5012B Datasheet HTML 20Page - Infineon Technologies AG TLE5012B Datasheet HTML 21Page - Infineon Technologies AG TLE5012B Datasheet HTML 22Page - Infineon Technologies AG TLE5012B Datasheet HTML 23Page - Infineon Technologies AG TLE5012B Datasheet HTML 24Page - Infineon Technologies AG TLE5012B Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
TLE5012B
Specification
Data Sheet
21
Rev. 2.0, 2014-02
4.3
Characteristics
4.3.1
Input/Output characteristics
The indicated parameters apply to the full operating range, unless otherwise specified. The typical values
correspond to a supply voltage VDD = 5.0 V and 25 °C, unless individually specified. All other values correspond
to -40 °C < TJ < 150°C.
Within the register MOD_3, the driver strength and the slope for push-pull communication can be varied depending
on the sensor output. The driver strength is specified in Table 4-3 and the slope fall and rise time in Table 4-4.
Table 4-3
Input voltage and output currents
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
Input voltage
VIN
-0.3
5.5 V
VDD+ 0.3 V
Output current (DATA-Pad)
IQ
-25 mA
PAD_DRV =’0x’, sink current1)2)
1) Max. current to GND over open-drain output
2) At VDD = 5 V
-5 mA
PAD_DRV =’10’, sink current1)2)
-0.4 mA
PAD_DRV =’11’, sink current1)2)
Output current (IFA / IFB / IFC -
Pad)
IQ
-15 mA
PAD_DRV =’0x’, sink current1)2)
-5 mA
PAD_DRV =’1x’, sink current1)2)
Table 4-4
Driver strength characteristic
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Output rise/fall time
tfall, trise
8 ns
DATA, 50 pF,
PAD_DRV=’00’1)2)
1) Valid for push-pull output
2) Not subject to production test - verified by design/characterization
28 ns
DATA, 50 pF,
PAD_DRV=’01’1)2)
45 ns
DATA, 50 pF,
PAD_DRV=’10’1)2)
130 ns
DATA, 50 pF,
PAD_DRV=’11’1)2)
15 ns
IFA/IFB, 20 pF,
PAD_DRV=’0x’1)2)
30 ns
IFA/IFB, 20 pF,
PAD_DRV=’1x’1)2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com