Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012B Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 14Page - Infineon Technologies AG TLE5012B Datasheet HTML 15Page - Infineon Technologies AG TLE5012B Datasheet HTML 16Page - Infineon Technologies AG TLE5012B Datasheet HTML 17Page - Infineon Technologies AG TLE5012B Datasheet HTML 18Page - Infineon Technologies AG TLE5012B Datasheet HTML 19Page - Infineon Technologies AG TLE5012B Datasheet HTML 20Page - Infineon Technologies AG TLE5012B Datasheet HTML 21Page - Infineon Technologies AG TLE5012B Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
TLE5012B
Application Circuits
Data Sheet
18
Rev. 2.0, 2014-02
It is also possible to use an open-drain setup for the DATA, SCK and CSQ lines. This setup is designed to
communicate with a microcontroller in a bus system, together with other SSC slaves (e.g. two TLE5012B devices
for redundancy reasons). This mode can be activated using the bit SSC_OD.
The open-drain configuration can be seen in Figure 3-7. Series resistors on the DATA, SCK, and CSQ lines are
recommended to limit the current in case either the microcontroller or the sensor are accidentally switched to push-
pull. A pull-up resistor of typ. 1 k
Ω is required on the DATA line.
Figure 3-7 SSC configuration in sensor-slave mode and open-drain (bus systems)
Shift Reg.
Shift Reg.
Clock Gen.
DATA
MRST
MTSR
SCK
SCK
(SSC Slave) TLE 5012B
µC (SSC Master)
CSQ
CSQ
*)
*)
*)
*)
typ. 1kΩ
*) optional , e.g. 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com