Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012B Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 4Page - Infineon Technologies AG TLE5012B Datasheet HTML 5Page - Infineon Technologies AG TLE5012B Datasheet HTML 6Page - Infineon Technologies AG TLE5012B Datasheet HTML 7Page - Infineon Technologies AG TLE5012B Datasheet HTML 8Page - Infineon Technologies AG TLE5012B Datasheet HTML 9Page - Infineon Technologies AG TLE5012B Datasheet HTML 10Page - Infineon Technologies AG TLE5012B Datasheet HTML 11Page - Infineon Technologies AG TLE5012B Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
TLE5012B
Product Description
Data Sheet
8
Rev. 2.0, 2014-02
1
Product Description
Figure 1-1 PG-DSO-8 package
1.1
Overview
The TLE5012B is a 360° angle sensor that detects the orientation of a magnetic field. This is achieved by
measuring sine and cosine angle components with monolithic integrated Giant Magneto Resistance (iGMR)
elements. These raw signals (sine and cosine) are digitally processed internally to calculate the angle orientation
of the magnetic field (magnet).
The TLE5012B is a pre-calibrated sensor. The calibration parameters are stored in laser fuses. At start-up the
values of the fuses are written into flip-flops, where these values can be changed by the application-specific
parameters. Further precision of the angle measurement over a wide temperature range and a long lifetime can
be improved by enabling an optional internal autocalibration algorithm.
Data communications are accomplished with a bi-directional Synchronous Serial Communication (SSC) that is
SPI-compatible. The sensor configuration is stored in registers, which are accessible by the SSC interface.
Additionally four other interfaces are available with the TLE5012B: Pulse-Width-Modulation (PWM) Protocol,
Short-PWM-Code (SPC) Protocol, Hall Switch Mode (HSM) and Incremental Interface (IIF). These interfaces can
be used in parallel with SSC or alone. Pre-configured sensor derivates with different interface settings are
available (see Table 1-1 and Chapter 5)
Online diagnostic functions are provided to ensure reliable operation.
Note: See Chapter 5 for description of derivates.
Table 1-1
Derivate Ordering codes
Product Type
Marking
Ordering Code
Package
TLE5012B E1000
012B1000
SP001166960
PG-DSO-8
TLE5012B E3005
012B3005
SP001166964
PG-DSO-8
TLE5012B E5000
012B5000
SP001166968
PG-DSO-8
TLE5012B E5020
012B5020
SP001166972
PG-DSO-8
TLE5012B E9000
012B9000
SP001166998
PG-DSO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com