Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012B Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 26Page - Infineon Technologies AG TLE5012B Datasheet HTML 27Page - Infineon Technologies AG TLE5012B Datasheet HTML 28Page - Infineon Technologies AG TLE5012B Datasheet HTML 29Page - Infineon Technologies AG TLE5012B Datasheet HTML 30Page - Infineon Technologies AG TLE5012B Datasheet HTML 31Page - Infineon Technologies AG TLE5012B Datasheet HTML 32Page - Infineon Technologies AG TLE5012B Datasheet HTML 33Page - Infineon Technologies AG TLE5012B Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
TLE5012B
Specification
Data Sheet
30
Rev. 2.0, 2014-02
Table 4-14 SSC open-drain timing specification
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
SSC baud rate
fSSC
2.0
Mbit/s Pull-up Resistor = 1kΩ1)
1) Not subject to production test - verified by design/characterization
CSQ setup time
tCSs
300
ns
1)
CSQ hold time
tCSh
400
ns
1)
CSQ off
tCSoff
600
ns
SSC inactive time1)
SCK period
tSCKp
500
ns
1)
SCK high
tSCKh
190
ns
1)
SCK low
tSCKl
190
ns
1)
DATA setup time
tDATAs
25
ns
1)
DATA hold time
tDATAh
40
ns
1)
Write read delay
twr_delay
130
ns
1)
Update time
tCSupdate
1
μsSee Figure 4-111)
SCK off
tSCKoff
170
ns
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com