Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012B Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 35Page - Infineon Technologies AG TLE5012B Datasheet HTML 36Page - Infineon Technologies AG TLE5012B Datasheet HTML 37Page - Infineon Technologies AG TLE5012B Datasheet HTML 38Page - Infineon Technologies AG TLE5012B Datasheet HTML 39Page - Infineon Technologies AG TLE5012B Datasheet HTML 40Page - Infineon Technologies AG TLE5012B Datasheet HTML 41Page - Infineon Technologies AG TLE5012B Datasheet HTML 42Page - Infineon Technologies AG TLE5012B Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
TLE5012B
Specification
Data Sheet
39
Rev. 2.0, 2014-02
4.4.4
Hall Switch Mode (HSM)
The Hall Switch Mode (HSM) within the TLE5012B makes it possible to emulate the output of 3 Hall switches. Hall
switches are often used in electrical commutated motors to determine the rotor position. With these 3 output
signals, the motor will be commutated in the right way. Depending on which pole pairs of the rotor are used, various
electrical periods have to be controlled. This is selectable within 0EH (HSM_PLP). Figure 4-17 depicts the three
output signals with the relationship between electrical angle and mechanical angle. The mechanical 0° point is
always used as reference.
The HSM is generally used with push-pull output, but it can be changed to open-drain within the register IFAB_OD.
Sensors with preset HSM are available as TLE5012B E3005.
Figure 4-17 Hall Switch Mode
The HSM Interface can be selected via SSC (IF_MD = 010).
Table 4-23 Hall Switch Mode
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Rotation speed
n
10000 rpm
Mechanical2)
HS1
HS2
HS3
0°
Electrical Angle
60°
120°
180°
240°
300°
360°
Hall-Switch-Mode: 3phase Generation
Angle
Mech. Angle with
5 Pole Pairs
0°
12°
24°
36°
48°
60°
72°
0°
20°
40°
60°
80°
100°
120°
Mech. Angle with
3 Pole Pairs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com