Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012B Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 13Page - Infineon Technologies AG TLE5012B Datasheet HTML 14Page - Infineon Technologies AG TLE5012B Datasheet HTML 15Page - Infineon Technologies AG TLE5012B Datasheet HTML 16Page - Infineon Technologies AG TLE5012B Datasheet HTML 17Page - Infineon Technologies AG TLE5012B Datasheet HTML 18Page - Infineon Technologies AG TLE5012B Datasheet HTML 19Page - Infineon Technologies AG TLE5012B Datasheet HTML 20Page - Infineon Technologies AG TLE5012B Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
TLE5012B
Application Circuits
Data Sheet
17
Rev. 2.0, 2014-02
The TLE5012B can be configured with SPC only (Figure 3-5). This is only possible with the TLE5012B - E9000
derivate, which is by default configurated with an open-drain IFA (SPC) pin.
Figure 3-5 Application circuit for TLE5012B with only SPC interface (using internal CLK)
In Figure 3-5 the IFC (S_NR[1]) and SCK (S_NR[0]) pins are set to ground to generate the slave number (S_NR)
0D (or 00B). For safety reasons it is better that the non-used pins are connected to ground, rather than floating. A
resistor between the DATA line pin and ground is recommended to avoid shortcuts if DATA generates any
unexpected output. The CSQ line has to be connected to VDD to avoid unintentional activation of the SSC interface.
Synchronous Serial Communication (SSC) configuration
In Figure 3-1 and Figure 3-2 the SSC interface has the default push-pull configuration (see details in Figure 3-6).
Series resistors on the DATA, SCK (serial clock signal) and CSQ (chip select) lines are recommended to limit the
current in the erroneous case that either the sensor pushes high and the microcontroller pulls low at the same time
or vice versa. The resistors in the SCK and CSQ lines are only necessary in case of disturbances or noise.
Figure 3-6 SSC configuration in sensor-slave mode with push-pull outputs (high-speed application)
VRG
VRA
VRD
TLE5012B
X
GMR
Y
GMR
Temp
SD-
ADC
SD-
ADC
SD-
ADC
SSC Interface
Incremental IF
PWM
HSM
Osc
*) recommended , e.g. 2.2kΩ
100nF
IFC (S_NR[1])
VDD (3.0 – 5.5V)
**)
GND
PLL
CSQ
SCK (S_NR[0])
DATA
IFA (SPC )
IFB
**) recommended , e.g. 10.0kΩ
*)
Digital
Signal
Processing
Unit
CORDIC
CCU
RAM
ISM
Fuses
Shift Reg.
Shift Reg.
Clock Gen.
DATA
MTSR
MRST
SCK
SCK
(SSC Slave) TLE 5012B
µC (SSC Master)
CSQ
CSQ
**)
*)
*)
EN
EN
*) optional , e.g. 100 Ω
**) optional , e.g. 470 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com