Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012B Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 40Page - Infineon Technologies AG TLE5012B Datasheet HTML 41Page - Infineon Technologies AG TLE5012B Datasheet HTML 42Page - Infineon Technologies AG TLE5012B Datasheet HTML 43Page - Infineon Technologies AG TLE5012B Datasheet HTML 44Page - Infineon Technologies AG TLE5012B Datasheet HTML 45Page - Infineon Technologies AG TLE5012B Datasheet HTML 46Page - Infineon Technologies AG TLE5012B Datasheet HTML 47Page - Infineon Technologies AG TLE5012B Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
TLE5012B
Specification
Data Sheet
44
Rev. 2.0, 2014-02
Figure 4-21 ADC test vectors
4.6
Supply Monitoring
The internal voltage nodes of the TLE5012B are monitored by a set of comparators in order to ensure error-free
operation. An over- or undervoltage condition must be active at least 256 periods of the digital clock to set the
corresponding error bits in the Status register. This works as digital spike suppression.
Over- or undervoltage errors trigger the S_VR bit of Status register. This error condition is signaled via the in the
Safety Word of the SSC protocol, the status nibble of the SPC interface or the lower diagnostic range of the PWM
interface.
110
-21700
111
-32768
1) Not allowed to use
Table 4-26 Test comparator threshold voltages
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Overvoltage detection
VOVG
2.80
V
1)
1) Not subject to production test - verified by design/characterization
VOVA
2.80
V
1)
VOVD
2.80
V
1)
VDD overvoltage
VDDOV
6.05
V
1)
VDD undervoltage
VDDUV
2.70
V
1)
GND - off voltage
VGNDoff
-0.55
V
1)
VDD - off voltage
VVDDoff
0.55
V
1)
Spike filter delay
tDEL
10
μs
1)
Table 4-25 ADC test vectors (cont’d)
Register bits
X/Y values (decimal)
Min.
Typ.
Max.
ADCTV_X
ADCTV_Y
0%
122.1%
100.0%
70%
141.4%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com