Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012B Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 21Page - Infineon Technologies AG TLE5012B Datasheet HTML 22Page - Infineon Technologies AG TLE5012B Datasheet HTML 23Page - Infineon Technologies AG TLE5012B Datasheet HTML 24Page - Infineon Technologies AG TLE5012B Datasheet HTML 25Page - Infineon Technologies AG TLE5012B Datasheet HTML 26Page - Infineon Technologies AG TLE5012B Datasheet HTML 27Page - Infineon Technologies AG TLE5012B Datasheet HTML 28Page - Infineon Technologies AG TLE5012B Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
TLE5012B
Specification
Data Sheet
25
Rev. 2.0, 2014-02
Figure 4-3 Additional angle error for temperature changes above 5 Kelvin within 1.5 revolutions
4.3.5
Autocalibration
The autocalibration enables online parameter calculation and therefore reduces the angle error due to
temperature and lifetime drifts.
The TLE5012B is a pre-calibrated sensor, so autocalibration is only enabled in some devices by default. The
update mode can be chosen with the AUTOCAL setting in the MOD_2 register. The TLE5012B needs 1.5
revolutions to generate new autocalibration parameters. These parameters are continuously updated. The
parameters are updated in a smooth way (one Least-Significant Bit within the chosen range or time) to avoid an
angle jump on the output.
AUTOCAL Modes:
•
00: No autocalibration
•
01: Autocalibration Mode 1. One LSB to final values within the update time tupd (depending on FIR_MD setting).
•
10: Autocalibration Mode 2. Only one LSB update over one full parameter generation (1.5 revolutions). After
update of one LSB, the autocalibration will calculate the parameters again.
•
11: Autocalibration Mode 3. One LSB to final values within an angle range of 11.25°
0
0.5
1
1.5
2
2.5
3
3.5
0 102030 4050607080 90 100 110 120 130 140 150 160 170 180 190
Delta Temperature (Kelvin) within 1.5 revolutions
Tstart -40°C
Tstart 25°C
Tstart 85°C
Tstart 105°C
Tstart 125°C
Tstart 135°C
Tstart >135°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com