Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5309D Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 20Page - Infineon Technologies AG TLE5309D Datasheet HTML 21Page - Infineon Technologies AG TLE5309D Datasheet HTML 22Page - Infineon Technologies AG TLE5309D Datasheet HTML 23Page - Infineon Technologies AG TLE5309D Datasheet HTML 24Page - Infineon Technologies AG TLE5309D Datasheet HTML 25Page - Infineon Technologies AG TLE5309D Datasheet HTML 26Page - Infineon Technologies AG TLE5309D Datasheet HTML 27Page - Infineon Technologies AG TLE5309D Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Data Sheet
24
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
2.6
Electrostatic discharge protection
2.7
Electro magnetic compatibility (EMC)
The TLE5309D is characterized according to the EMC requirements described in the “Generic IC EMC Test
Specification” Version 1.2 from November 15, 2007. The classification of the TLE5309D is done for local pins.
Table 10
ESD protection
Parameter
Symbol
Values
Unit
Notes
min.
max.
ESD voltage
VHBM
±4.0
kV
1) Ground pins connected.
1) Human Body Model (HBM) according to ANSI/ESDA/JEDEC JS-001.
±2.0
kV
1)
VCDM
±0.5
kV
2)
2) Charged Device Model (CDM) according to JESD22-C101.
±0.75
kV
2) For corner pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com