Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5309D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE5309D Datasheet HTML 1Page - Infineon Technologies AG TLE5309D Datasheet HTML 2Page - Infineon Technologies AG TLE5309D Datasheet HTML 3Page - Infineon Technologies AG TLE5309D Datasheet HTML 4Page - Infineon Technologies AG TLE5309D Datasheet HTML 5Page - Infineon Technologies AG TLE5309D Datasheet HTML 6Page - Infineon Technologies AG TLE5309D Datasheet HTML 7Page - Infineon Technologies AG TLE5309D Datasheet HTML 8Page - Infineon Technologies AG TLE5309D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Data Sheet
1
V 1.1
www.infineon.com/sensors
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Features
• Separate supply pins for AMR and GMR sensor
• Low current consumption and quick start up
• 360° contactless angle measurement
• Output amplitude optimized for circuits with 3.3 V or 5 V supply voltage
• Immune to airgap variations due to MR based sensing principle
• Operating temperature: -40°C to 125°C (ambient temperature)
• Pre-amplified output signals for differential or single-ended applications
• Diverse redundance design with one GMR sensor (top die) and one AMR sensor (bottom die) in one package
• Green product (RoHS compliant)
Product Validation
Developed for automotive applications. Product qualification according to AEC-Q100.
Potential Applications
The TLE5309D angle sensor is designed for angular position sensing in safety critical automotive and non-
automotive applications. Its high accuracy and 360° measurement range combined with short propagation
delay makes it suitable for systems with high speeds and high accuracy demands such as brush-less DC (BLDC)
motors for actuators and electric power steering systems (EPS). At the same time its fast start-up time and low
overall power consumption enables the device to be employed for low-power turn counting. Extremely low
power consumption can be achieved with power cycling, where the advantage of fast power on time reduces
the average power consumption.
Figure 1
A usual application for TLE5309D is the electrically commutated motor


Similar Part No. - TLE5309D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5309DE1211 INFINEON-TLE5309DE1211 Datasheet
1Mb / 33P
Analog AMR/GMR Angle Sensors
V 2.0 2018-12
TLE5309DE2211 INFINEON-TLE5309DE2211 Datasheet
1Mb / 33P
Analog AMR/GMR Angle Sensors
V 2.0 2018-12
TLE5309DE5201 INFINEON-TLE5309DE5201 Datasheet
1Mb / 33P
Analog AMR/GMR Angle Sensors
V 2.0 2018-12
More results

Similar Description - TLE5309D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Feb-2001
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
GMR Angle Sensor
May 2010 V1.1
TLE5011 INFINEON-TLE5011_11 Datasheet
577Kb / 45P
GMR Angle Sensor
March 2011
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
GMR-Based Angle Sensor
Rev. 1.1, 2015-09
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
LINEAR AMR SENSOR
logo
Infineon Technologies A...
TLE5X09A16 INFINEON-TLE5X09A16 Datasheet
1Mb / 33P
Analog AMR/GMR Angle Sensors
V 2.0 2018-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com