Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5309D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE5309D Datasheet HTML 1Page - Infineon Technologies AG TLE5309D Datasheet HTML 2Page - Infineon Technologies AG TLE5309D Datasheet HTML 3Page - Infineon Technologies AG TLE5309D Datasheet HTML 4Page - Infineon Technologies AG TLE5309D Datasheet HTML 5Page - Infineon Technologies AG TLE5309D Datasheet HTML 6Page - Infineon Technologies AG TLE5309D Datasheet HTML 7Page - Infineon Technologies AG TLE5309D Datasheet HTML 8Page - Infineon Technologies AG TLE5309D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Data Sheet
2
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Description
The TLE5309D is a diverse redundant angle sensor with analog outputs. It combines a Giant Magneto
Resistance (GMR) sensor for full 360° angle range with an Anisotropic Magneto Resistance (AMR) sensor for
high precision in a flipped configuration in one package. Sine and cosine angle components of a rotating
magnetic field are measured by Magneto Resistive (MR) elements. The sensors provide analog sine and cosine
output voltages that describe the magnetic angle in a range of 0 to 180° (AMR sensor), and 0 to 360° (GMR
sensor), respectively.
The differential MR bridge signals are independent of the magnetic field strength, and the analog output is
designed for differential or single-ended applications.
The output voltages are designed to use the dynamic range of an A/D-converter using the same supply as the
sensor as voltage reference. Both sensor ICs are supplied independently by separate supply and ground pins.
Table 1
Derivate ordering codes
Product Type
Marking
Ordering Code
Package
Description
TLE5309D E1211
309D1211
SP001227880
PG-TDSO-16
Dual Die
AMR and GMR 3.3 V supply
With TCO1)
Grade 12)
TLE5309D E2211
309D2211
SP001227888
PG-TDSO-16
Dual Die
AMR and GMR 5.0 V supply
With TCO1)
Grade 12)
TLE5309D E5201
309D5201
SP001227884
PG-TDSO-16
Dual Die
AMR 5.0 V supply, GMR 3.3 V
Without TCO1)
Grade 12)
1) Temperature Compensation Offset
2) Part Operating Temperature Grades according to AEC-Q100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com