Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5309D Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 3Page - Infineon Technologies AG TLE5309D Datasheet HTML 4Page - Infineon Technologies AG TLE5309D Datasheet HTML 5Page - Infineon Technologies AG TLE5309D Datasheet HTML 6Page - Infineon Technologies AG TLE5309D Datasheet HTML 7Page - Infineon Technologies AG TLE5309D Datasheet HTML 8Page - Infineon Technologies AG TLE5309D Datasheet HTML 9Page - Infineon Technologies AG TLE5309D Datasheet HTML 10Page - Infineon Technologies AG TLE5309D Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet
7
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Functional description
1.2
Pin configuration
The sensitive area is located at the center of the chip.
Figure 6
Pin configuration (top view)
1.3
Pin description
Table 2
Pin description
Pin No.
Pin Name
In/Out
Function
1GMR_VDIAG
O
GMR Sensor bridge voltage proportional to temperature. Diagnostic
function
2GMR_VDD
GMR Sensor Supply voltage
3
GMR_SIN_N
O
GMR Sensor Analog negative sine output
4
GMR_SIN_P
O
GMR Sensor Analog positive sine output
5
AMR_SIN_P
O
AMR Sensor Analog positive sine output
6
AMR_SIN_N
O
AMR Sensor Analog negative sine output
7AMR_VDD
AMR Sensor Supply voltage
8AMR_VDIAG
O
AMR Sensor bridge voltage proportional to temperature. Diagnostic
function
9
AMR_GND
AMR Sensor Ground
10
AMR_GND
AMR Sensor Ground
11
AMR_COS_N
O
AMR Sensor Analog negative cosine output
12
AMR_COS_P
O
AMR Sensor Analog positive cosine output
13
GMR_COS_P
O
GMR Sensor Analog positive cosine output
14
GMR_COS_N
O
GMR Sensor Analog negative cosine output
15
GMR_GND
GMR Sensor Ground
16
GMR_GND
GMR Sensor Ground
1
Center of Sensitive
Area
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com