Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5309D Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 21Page - Infineon Technologies AG TLE5309D Datasheet HTML 22Page - Infineon Technologies AG TLE5309D Datasheet HTML 23Page - Infineon Technologies AG TLE5309D Datasheet HTML 24Page - Infineon Technologies AG TLE5309D Datasheet HTML 25Page - Infineon Technologies AG TLE5309D Datasheet HTML 26Page - Infineon Technologies AG TLE5309D Datasheet HTML 27Page - Infineon Technologies AG TLE5309D Datasheet HTML 28Page - Infineon Technologies AG TLE5309D Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet
25
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Package information
3
Package information
The TLE5309D is delivered in a green SMD package with lead-free plating, the PG-TDSO-16.
3.1
Package parameters
3.2
Package outlines
Figure 21
Package dimensions
Table 11
Package parameters
Parameter
Symbol
Limit Values
Unit
Notes
min. typ. max.
Thermal Resistance
RthJA
130 150
K/W
Junction-to-Air1)
1) According to Jedec JESD51-7
RthJC
35
K/W
Junction-to-Case
RthJL
70
K/W
Junction-to-Lead
Moisture Sensitivity Level MSL 3
260°C
Lead Frame
Cu
Plating
Sn 100%
> 7 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com