Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5309D Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE5309D Datasheet HTML 1Page - Infineon Technologies AG TLE5309D Datasheet HTML 2Page - Infineon Technologies AG TLE5309D Datasheet HTML 3Page - Infineon Technologies AG TLE5309D Datasheet HTML 4Page - Infineon Technologies AG TLE5309D Datasheet HTML 5Page - Infineon Technologies AG TLE5309D Datasheet HTML 6Page - Infineon Technologies AG TLE5309D Datasheet HTML 7Page - Infineon Technologies AG TLE5309D Datasheet HTML 8Page - Infineon Technologies AG TLE5309D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Data Sheet
4
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Functional description
1
Functional description
1.1
General
The TLE5309D comprises one GMR-based angle sensor IC mounted on the top and one AMR-based angle
sensor IC mounted on the bottom of a package lead frame in a flipped configuration, so the positions of the
sensitive elements in the package-plane coincide. This mounting technique ensures a minimum deviation of
the magnetic field orientation sensed by the two chips.
The Magneto Resistive (MR) sensors are implemented using vertical integration. This means that the MR
sensitive areas are integrated above the analog portion of the ICs. These MR elements change their resistance
depending on the direction of the magnetic field.
On each sensor, four individual MR elements are connected in a Wheatstone bridge arrangement. Each MR
element senses one of two components of the applied magnetic field:
•X component, Vx (cosine) or the
•Y component, Vy (sine)
The advantage of a full-bridge structure is that the amplitude of the MR signal is doubled and temperature
effects cancel out.
GMR Sensor
The output signal of a GMR bridge is unambiguous in a range of 180°. Therefore two bridges are oriented
orthogonally to each other to measure 360°.
Figure 2
Sensitive bridges of the GMR sensor (top die)
Note:
In Figure 2, the arrows in the resistors symbolize the direction of the reference layer. Size of the
sensitive areas is greatly exaggerated for better visualization.
VDD
GND
ADCX+
GMR Resistors
ADCX-ADCY+ADCY-
VX
VY
0°
N
S
90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com