Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5309D Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 17Page - Infineon Technologies AG TLE5309D Datasheet HTML 18Page - Infineon Technologies AG TLE5309D Datasheet HTML 19Page - Infineon Technologies AG TLE5309D Datasheet HTML 20Page - Infineon Technologies AG TLE5309D Datasheet HTML 21Page - Infineon Technologies AG TLE5309D Datasheet HTML 22Page - Infineon Technologies AG TLE5309D Datasheet HTML 23Page - Infineon Technologies AG TLE5309D Datasheet HTML 24Page - Infineon Technologies AG TLE5309D Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
21
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
2.4
Error diagnosis
Each sensor provides two functions at its VDIAG pin. During normal operation the voltage measured at this pin
is temperature dependent. The typical voltage at room temperature and the temperature coefficient are given
in Table 5 “Electrical parameters” on Page 16.
The second purpose of pin VDIAG is the diagnosis functionality. In case the device detects an internal error, the
pin is driven to a low level. The errors that can be detected by monitoring the status of the VDIAG pin are:
• Overvoltage at VDD (supply)
• Undervoltage at VDD (supply)
• Undervoltage at internal nodes (analog voltage regulator and/or GMR voltage regulator)
• Bandgap failure (temperature)
• Oscillator failure (only tested at startup)
• Parity check of configuration fuses (only tested at startup)
Not all the failure conditions that are detected by the VDIAG pin are also detected by the alternative
configuration with pull-down resistors described in Figure 14. For further details please refer to the Safety
Manual.
2.5
Angle performance
The overall angle error represents the relative angular error. This error describes the deviation from the
reference line after zero angle definition. The typical value corresponds to an ambient temperature of 25°C. All
other values correspond to the operating ambient temperature range -40°C < TA < 125°C and through the
TLE5309D lifetime.
Fully compensated performance
Using the algorithm described in the application note “TLE5009 Calibration”, it is possible to implement an
ongoing automatic calibration on the microcontroller to greatly improve the performance of the TLE5309D, as
temperature and lifetime drifts are better compensated. This is only possible in applications where a rotor is
turning continuously.
With this auto calibration algorithm, it is possible to reach an angular accuracy as good as the residual error
of the sensing elements, which means the remaining error after perfect compensation of offset and amplitude
Table 8
Residual angle error over temperature and lifetime1)
1) After perfect compensation of offset, amplitude synchronicity mismatch and orthogonality error.
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Overall angle error AMR sensor
(single-ended)2)3)
2) Including hysteresis error.
3) Assuming a symmetrical load.
αERR
0.1
0.5
°
Overall angle error AMR sensor
(differential)2)
αERR
0.1
0.5
°
Overall angle error GMR sensor
(single-ended)2)3)
αERR
< 0.6
0.9
°
Overall angle error GMR sensor
(differential)2)
αERR
< 0.6
0.9
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com