Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5309D Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 9Page - Infineon Technologies AG TLE5309D Datasheet HTML 10Page - Infineon Technologies AG TLE5309D Datasheet HTML 11Page - Infineon Technologies AG TLE5309D Datasheet HTML 12Page - Infineon Technologies AG TLE5309D Datasheet HTML 13Page - Infineon Technologies AG TLE5309D Datasheet HTML 14Page - Infineon Technologies AG TLE5309D Datasheet HTML 15Page - Infineon Technologies AG TLE5309D Datasheet HTML 16Page - Infineon Technologies AG TLE5309D Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
13
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
Figure 13
Application circuit for the TLE5309D for partial diagnostics with pull-down resistors in single-
ended output mode; positive output channels used
Figure 14
Application circuit for the TLE5309D for partial diagnostics with pull-down resistors in
differential output mode
TLE5309D
GMR GND
GMR VDD
μController
GMR
GND
AMR GND
AMR VDD
47nF
47nF
2.15k
Ω
2.15k
Ω
*)
*)
**) VDIAG is an output pin and can be floating. Another option is connected to GND with a high-ohmic resistance (e.g. 100k
Ω)
**)
AMR
GND
47nF
47nF
2.15k
Ω
2.15k
Ω
*)
*)
**)
*) 100k
Ω < R < 500kΩ
***)
***)
***)
***)
***) Not used single-ended output pins should be floating. Another option is connected to GND with a high-ohmic resistance (>100k
Ω)
GMR
GMR VDD
GMR GND
GMR SIN_P
GMR SIN_N
GMR COS_P
GMR COS_N
GMR VDIAG
GMR GND
AMR
AMR VDD
AMR GND
AMR GND
AMR SIN_P
AMR SIN_N
AMR COS_P
AMR COS_N
AMR VDIAG
GMR
GND
GMR
GND
GMR
GND
AMR
GND
AMR
GND
AMR
GND
TLE5309D
GMR
100nF
GMR VDD
GMR GND
GMR SIN_P
GMR SIN_N
GMR COS_P
GMR COS_N
GMR VDIAG
GMR GND
GMR VDD
μController
GMR GND
AMR
100nF
AMR VDD
AMR GND
GMR GND
AMR VDD
AMR GND
47nF
47nF
47nF
47nF
2.15k
Ω
2.15k
Ω
2.15k
Ω
2.15k
Ω
*)
*)
*)
*)
**) VDIAG is an output pin and can be floating. Another option is connected
to GND with a high-ohmic resistance (e.g. 100k
Ω)
**)
47nF
47nF
47nF
47nF
2.15k
Ω
2.15k
Ω
2.15k
Ω
2.15k
Ω
*)
*)
*)
*)
**)
*) 100k
Ω < R < 500kΩ
AMR SIN_P
AMR SIN_N
AMR COS_P
AMR COS_N
AMR VDIAG
GMR
GND
GMR
GND
GMR
GND
GMR
GND
GMR
GND
GMR
GND
GMR
GND
GMR
GND
AMR
GND
AMR
GND
AMR
GND
AMR
GND
AMR
GND
AMR
GND
AMR
GND
AMR
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com