Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5309D Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 13Page - Infineon Technologies AG TLE5309D Datasheet HTML 14Page - Infineon Technologies AG TLE5309D Datasheet HTML 15Page - Infineon Technologies AG TLE5309D Datasheet HTML 16Page - Infineon Technologies AG TLE5309D Datasheet HTML 17Page - Infineon Technologies AG TLE5309D Datasheet HTML 18Page - Infineon Technologies AG TLE5309D Datasheet HTML 19Page - Infineon Technologies AG TLE5309D Datasheet HTML 20Page - Infineon Technologies AG TLE5309D Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Data Sheet
17
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
The sensor outputs 4 single-ended signals SIN_N, SIN_P, COS_N, and COS_P, which are centered at the
voltage offset 0.5*VDD. The differential signals are calculated from the single-ended signals. The differential
voltages for X or Y are defined in Equation (5).
(5)
The maximum amplitudes for the differential signals are centered at 0 V and defined for X or Y as given in
Equation (6):
(6)
Differential offset is of X or Y is defined in Equation (7).
(7)
In single-ended mode the offset is defined as the mean output voltage and equals typically 0.5*VDD. For further
details please refer to the application note “TLE5009 Calibration”.
Table 6
Single-ended output parameters over temperature and lifetime
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
X, Y amplitude
AX, AY
0.7
1.3
V
Sensors with 3.3V supply
1.2
1.95
V
Sensors with 5.0V supply
X, Y synchronism
k
94
100
106
%
GMR
96
100
104
%
AMR
X, Y orthogonality error
φ
-12
12
°
GMR (AMR negligible)
Mean output voltage
VMVX, VMVY 0.47*VDD 0.5*VDD 0.53*VDD V
VMV=(Vmax+Vmin)/21)
1) Vmax and Vmin correspond to the voltage levels at Xmax or Ymax and Xmin or Ymin respectively as shown in Figure 15,
Figure 16.
X,Y cut off frequency2)
2) Not subject to production test - verified by design/characterization
fc
30
kHz
-3 dB attenuation
X,Y delay time2)3)
3) Time measured at chip output pins.
tadel
9µs
Output noise2)
VNoise
5mV
RMS
SINN
SINP
Ydiff
COSN
COSP
Xdiff
V
V
V
V
V
V
−
=
−
=
(
)
()
2
2
_
_
_
_
MIN
diff
MAX
diff
Ydiff
MIN
diff
MAX
diff
Xdiff
Y
Y
A
X
X
A
−
=
−
=
(
)
()
2
2
_
_
_
_
MIN
diff
MAX
diff
Ydiff
MIN
diff
MAX
diff
Xdiff
Y
Y
O
X
X
O
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com