Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X420 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 52Page - STMicroelectronics ST52X420 Datasheet HTML 53Page - STMicroelectronics ST52X420 Datasheet HTML 54Page - STMicroelectronics ST52X420 Datasheet HTML 55Page - STMicroelectronics ST52X420 Datasheet HTML 56Page - STMicroelectronics ST52X420 Datasheet HTML 57Page - STMicroelectronics ST52X420 Datasheet HTML 58Page - STMicroelectronics ST52X420 Datasheet HTML 59Page - STMicroelectronics ST52X420 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
ST52T410/ST52T420/E420
56/84
Figure 10.5 Configuration Register 5
Table 10.1 Configuration Register 5 Description
Bit
Name
Value
Description
0
TIRST0
0
PWM/TIMER 0 Internal RESET
1
PWM/TIMER 0 Internal SET
1
TERST
0
External RESET on Level
1
External RESET on Edge
2TISTR0
0
PWM/TIMER 0 Internal STOP
1
PWM/TIMER 0 Internal START
3TESTR
0
External START on Level
1
External START on Edge
4
INTE0
00
TIMER0 Interrupt on TIMER Interrupt on
TIMEROUT Falling Edge
01
TIMER0 Interrupt on
TIMER0OUT Rising Edge
5
10
TIMER0 Interrupt on Both Edges of TIMER0OUT
11
- not used
6INTSL0
0
TIMER0 Interrupt on
Counter Stop
1
TIMER0 Interrupt on
TIMER0OUT
7T0MODE
0
TIMER MODE
1PWM MODE
D7 D6 D5 D4 D3 D2 D1 D0
TIRST0: Timer 0 Internal RESET
TERST: Timer 0 External RESET on Edge/Level
TISTR0: Timer 0 Internal START
TESTR: Timer 0 External START on Edge/Level
INTE0: Timer 0 Interrupt on TIMER0OUT Rising/Falling Edge
INTSL0: Timer 0 Interrupt Source selection
T0MODE: Timer 0 working mode
REG_CONF 5
TIMER 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com