Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X420 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 17Page - STMicroelectronics ST52X420 Datasheet HTML 18Page - STMicroelectronics ST52X420 Datasheet HTML 19Page - STMicroelectronics ST52X420 Datasheet HTML 20Page - STMicroelectronics ST52X420 Datasheet HTML 21Page - STMicroelectronics ST52X420 Datasheet HTML 22Page - STMicroelectronics ST52X420 Datasheet HTML 23Page - STMicroelectronics ST52X420 Datasheet HTML 24Page - STMicroelectronics ST52X420 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
ST52T410/ST52T420/E420
21/84
2.4 Arithmetic Logic Unit
The 8-bit Arithmetic Logic Unit (ALU) allows the
performance of arithmetic calculations and logic
instructions, which can be divided into 5 groups:
Load, Arithmetic, Jump, Interrupts and Program
Control instructions (refer to the ST52T410/
ST52x420 Assembler Set for further details).
The
computational
time
required
for
each
instruction consists of one clock pulse for each
Cycle plus 3 clock pulses for the decoding phase.
The ALU of the ST52T410/ST52x420 can perform
multiplication
(MULT)
and
division
(DIV).
Multiplication is performed by using 8 bit operands
storing the result in 2 registers (16 bit values), see
Figure 2.5 and Figure 2.6.
WARNING 1: The current page register value
set with the PGSET instruction is lost after a
jump, call, or an interrupt jump.
WARNING 2: If the LSB of the multiplication
result is 0, the Zero flag is set although the
result is not 0.
Table 2.4 Output Registers
OR MNEMONIC NAME
PERIPHERAL REGISTER
ADDRESS
PORT_ A
PORT A OR
0
PORT_ B
PORT B OR
1
PORT_C
PORT C OR
2
PWM_0_COUNT
TIMER/PWM 0 COUNTER
3
PWM_0_RELOAD
TIMER/PWM 0 RELOAD REGISTER
4
PWM_1_COUNT
TIMER/PWM 1 COUNTER
5
PWM_1_RELOAD
TIMER/PWM 1 RELOAD REGISTER
6
PWM_ 2_ COUNT
TIMER/PWM 2 COUNTER
7
PWM_2_RELOAD
TIMER/PWM 2 RELOAD REGISTER
8
Table 2.5 Load instructions
Load Instructions
Mnemonic
Instruction
Bytes
Cycles
Z
S
C
LDCE
LDCE conf, EPROM
3
17
-
-
-
LDCR
LDCR conf, RAM
3
14
-
-
-
LDFR
LDFR FUZZY_i_RAM RAM
3
14
-
-
-
LDPE
LDPE per, EPROM
3
17
-
-
-
LDPE
LDPE per, (RAM)
3
17
-
-
-
LDPR
LDPR reg, RAM
3
14
-
-
-
LDRC
LDRC RAM, const
3
14
-
-
-
LDRE
LDRE RAMi, EPROMi
3
16
-
-
-
LDRE
LDRE (RAMi), (RAMj)
3
18
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com