Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X420 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 34Page - STMicroelectronics ST52X420 Datasheet HTML 35Page - STMicroelectronics ST52X420 Datasheet HTML 36Page - STMicroelectronics ST52X420 Datasheet HTML 37Page - STMicroelectronics ST52X420 Datasheet HTML 38Page - STMicroelectronics ST52X420 Datasheet HTML 39Page - STMicroelectronics ST52X420 Datasheet HTML 40Page - STMicroelectronics ST52X420 Datasheet HTML 41Page - STMicroelectronics ST52X420 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
ST52T410/T420/E420
38/84
Figure 6.3 Fuzzyfication
6.4 Defuzzyfication
In this
phase
the
output crisp
values are
determined by implementing the consequent part
of the rules.
Each consequent Singleton Xi is multiplied by its
weight values
ωi, calculated by the Decision
processor, in order to compute the upper part of
the Defuzzyfication formula.
Each output value is obtained from the consequent
crisp values (Xi) by carrying out the following
Defuzzyfication formula:
where:
i = identifies the current output variable
N = number of the active rules on the current
output
ωij = weight of the j-th singleton
Xij = abscissa of the j-th singleton
The Decision Processor outputs are stored in the
RAM location i-th specified in the assembler
instruction OUT i.
6.5 Input Membership Function
The Decision Processor allows the management of
triangular Mbfs. In order to define an Mbf, three
different parameters must be stored on the
Program/Data Memory (see Figure 6.4):
I the vertex of the Mbf: V;
I the length of the left semi-base: LVD;
I the length of the right semi-base: RVD;
In order to reduce the size of the memory area and
the computational effort the vertical range of the
vertex is fixed between 0 and 15 (4 bits)
By using the previous memorization method
different kinds of triangular Membership Functions
may be stored. Figure 6.5 shows some examples
of valid Mbfs that can be defined in ST52T410/
ST52x420.
Each Mbf is then defined storing 3 bytes in the first
Kbyte of the Program/Data Memory.
The Mbf is stored by using the following instruction:
MBF n_mbf lvd v rvd
where:
n_mbf is a tag number that identifies the Mbf
lvd, v, and rvd are the parameters that describe the
Mbf’s shape as described above.
Figure 6.4 Mbfs Parameters
Input 1
X1
α1
Input 2
X2
α2
OR = Max
IF INPUT 1 IS X1 OR INPUT 2 IS X2 THEN .......
Input 1
X1
α1
Input 2
X2
α2
IF INPUT 1 IS X1 AND INPUT 2 IS X2 THEN .......
Y
i
X
ijωij
j
N
∑
ω
ij
j
N
∑
---------------------
=
X
15
LVD
RVD
V
15
0
0
Input Mbf
Output Singleton
Output Variable
Input Variable
w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com