Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X420 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 72Page - STMicroelectronics ST52X420 Datasheet HTML 73Page - STMicroelectronics ST52X420 Datasheet HTML 74Page - STMicroelectronics ST52X420 Datasheet HTML 75Page - STMicroelectronics ST52X420 Datasheet HTML 76Page - STMicroelectronics ST52X420 Datasheet HTML 77Page - STMicroelectronics ST52X420 Datasheet HTML 78Page - STMicroelectronics ST52X420 Datasheet HTML 79Page - STMicroelectronics ST52X420 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
ST52T410/ST52T420/E420
76/84
Subject to general operating conditions for VDD, fosc, and TA, unless otherwise specified.
Notes:
1. The IIO current sunk must always respects the absolute maximum rating specified in Section 11.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS
2. The IIO sourced current must always respect the absolute maximum rating specified in Section 11.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVDD.
Table 11.11 Output Voltage Levels
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
1)
Output low level voltage for standard I/O
pin when 8 pins are sunk at same time.
VDD=5V, IIO=+8mA
VSS+
0.4
V
VOH
2)
Output high level voltage for standard I/
O pin when 8 pins are sourced at same
time.
VDD=5V, IIO=- 8mA
VDD-
0.5
Figure 11.12 TTL-Level input Schmitt Trigger
0.5 0.8 1.0
1.5
2.0 2.5
0
1
2
3
4
5
V = 5V
DD
T = 25°C
A
(TYPICAL)
V (V)
o
V (V)
i
Figure 11.13 Port B pins CMOS-level input
2.0
3.3
5.0
0
1
2
3
4
5
V = 5V
DD
T = 25°C
A
(TYPICAL)
V (V)
o
V (V)
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com