Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X420 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 40Page - STMicroelectronics ST52X420 Datasheet HTML 41Page - STMicroelectronics ST52X420 Datasheet HTML 42Page - STMicroelectronics ST52X420 Datasheet HTML 43Page - STMicroelectronics ST52X420 Datasheet HTML 44Page - STMicroelectronics ST52X420 Datasheet HTML 45Page - STMicroelectronics ST52X420 Datasheet HTML 46Page - STMicroelectronics ST52X420 Datasheet HTML 47Page - STMicroelectronics ST52X420 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
ST52T410/ST52T420/E420
44/84
Analog Input Option. The PB0-PB7 pins can be
configured to be analog inputs according to the
codes programmed in the configuration register
REG_CONF 14 (See Table 7.7) (ST52x420 only).
These analog inputs are connected to the on-chip
8-bit Analog to Digital Converter.
Table 7.6 Port C REG_CONF 15
Bit
Name
Value
Description
0D0
0
Set the pin INT/PC0 in
Output Mode
1
Set the pin INT/PC0 in
Input Mode
1D1
0
Set the pin T0OUT/
PC1 in Output Mode
1
Set the pin T0OUT/
PC1 in Input Mode
2D2
0
Set the pin T1OUT/
PC2 in Output Mode
1
Set the pin T1OUT/
PC2 in Input Mode
3D3
0
Set the pin T2OUT/
PC3 in Output Mode
1
Set the pin T2OUT/
PC3 in Input Mode
4D4
Not used
5D5
Not used
6D6
Not used
7D7
Not used
Reset Configuration
‘11111111’
Table 7.7 Analog Inputs (REG_CONF 14)
Bit
Name
Value
Description
0D0
0
pin PB0/Ain0 Digital I/O
1
pin PB0/Ain0 Analog
1D1
0
pin PB1/Ain1 Digital I/O
1
pin PB1/Ain1 Analog
2D2
0
pin PB2/Ain2 Digital I/O
1
pin PB2/Ain2 Analog
3D3
0
pin PB3/Ain3 Digital I/O
1
pin PB3/Ain3 Analog
4D4
0
pin PB4/Ain4 Digital I/O
1
pin PB4/Ain4 Analog
5D5
0
pin PB5/Ain5 Digital I/O
1
pin PB5/Ain5 Analog
6D6
0
pin PB6/Ain6 Digital I/O
1
pin PB6/Ain6 Analog
7D7
0
pin PB7/Ain7 Digital I/O
1
pin PB7/Ain7 Analog
Reset Configuration ‘11111111’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com